Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD17N08LTF Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FQD17N08LTF
Szczegółowy opis  N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08LTF Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  FQD17N08LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD17N08L Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure
16. TO-252 (D-PAK), Molded, 3-Lead, Jedec TO-252 VAR. AB, Surface Mount
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO252-003


Podobny numer części - FQD17N08LTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results

Podobny opis - FQD17N08LTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com