Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GM6535 Arkusz danych(PDF) 3 Page - Hynix Semiconductor

Numer części GM6535
Szczegółowy opis  60 MHz Universal Programmable Dual PLL Frequency synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HYNIX [Hynix Semiconductor]
Strona internetowa  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM6535 Arkusz danych(HTML) 3 Page - Hynix Semiconductor

  GM6535 Datasheet HTML 1Page - Hynix Semiconductor GM6535 Datasheet HTML 2Page - Hynix Semiconductor GM6535 Datasheet HTML 3Page - Hynix Semiconductor GM6535 Datasheet HTML 4Page - Hynix Semiconductor GM6535 Datasheet HTML 5Page - Hynix Semiconductor GM6535 Datasheet HTML 6Page - Hynix Semiconductor GM6535 Datasheet HTML 7Page - Hynix Semiconductor GM6535 Datasheet HTML 8Page - Hynix Semiconductor GM6535 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
GM6535
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, TA =25 ¡ É
)
Guaranteed Limit
Symbol
Characteristic
VDD
Min
Max
Unit
VDD
Power Supply Voltage
-
2.5
5.5
VOL
2.5
5.5
-
-
0.1
0.1
V
VOH
Output Voltage
0 Level
(Iout = 0)
(Vin =VDD or 0)
1 Level
2.5
5.5
2.45
5.45
-
-
V
VIL
2.5
5.5
-
-
0.75
1.65
VIH
Input Voltage
0 Level
(Vout 0.5 V or VDD – 0.5V)
1 Level
2.5
5.5
1.75
3.85
-
-
V
VOH
2.5
5.5
-0.18
-0.55
-
-
IOL
Output
Current (Vout = 2.2V)
Source
(Vout = 5.0V)
(Vout = 0.3V)
Sink
(Vout = 0.5V)
2.5
5.5
0.18
0.55
-
-
mA
2.5
5.5
-
-
-30
-66
IIL
2.5
5.5
-
-
-1.0
-1.0
¥ ì
A
2.5
5.5
-
-
30
61
IIH
Input Current
OSCin , fin-T , fin-R
(Vin = 0)
ADin , CLK , Din , ENB
(Vin = VDD –0.5)
OSCin , fin-T , fin-R
ADin , CLK , Din , ENB
2.5
5.5
-
-
5.0
5.0
¥ ì
A
IOZ
Three-Stats Leakage Current (Vout = 0 V or 5.5 V)
5.5
-
¡ ¾
100
nA
Cin
Input Capacitance
-
-
8.0
pF
Cout
Output Capacitance
-
-
8.0
pF
IDD
(standby)
Standby Current
(All Counters are in Power-Down Mode with Oscillator On)
2.5
5.5
-
-
0.3
1.5
mA
IDD
Operating Current (200mVp-p input at fin-T = 60MHz, and fin-R
=60MHz, OSC = 10.24MHz)
2.5
5.5
-
-
3.0
10
mA


Podobny numer części - GM6535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GM6010 ETC-GM6010 Datasheet
792Kb / 2P
   DIGITAL TV CONTROLLER
GM6015 ETC-GM6015 Datasheet
792Kb / 2P
   DIGITAL TV CONTROLLER
logo
3M Electronics
GM613 3M-GM613 Datasheet
43Kb / 3P
   Gripping Material
GM614 3M-GM614 Datasheet
43Kb / 3P
   Gripping Material
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Podobny opis - GM6535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
   LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Daewoo Semiconductor
DMD5802 DAEWOO-DMD5802 Datasheet
960Kb / 20P
   UNIVERSAL PROGRAMMABLE DUAL PLL
logo
STMicroelectronics
ST7162 STMICROELECTRONICS-ST7162 Datasheet
202Kb / 17P
   UNIVERSAL PROGRAMMABLE DUAL PLL
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
   Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com