Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E100WB Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części E100WB
Szczegółowy opis  Industrial Control Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

E100WB Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  E100WB Datasheet HTML 1Page - List of Unclassifed Manufacturers E100WB Datasheet HTML 2Page - List of Unclassifed Manufacturers E100WB Datasheet HTML 3Page - List of Unclassifed Manufacturers E100WB Datasheet HTML 4Page - List of Unclassifed Manufacturers E100WB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
179
SBE Accessories
* Supplied with most SBE models. Refer to the note at the bottom of the product selection tables.
FIELD INSTALLED OPTIONS
ACCESSORIES INCLUDED
FACTORY INSTALLED OPTIONS
Accessory Catalog Number
Primary Fuse
(Class "CC" Rejection Type)
Secondary Fuse
IP20 Covers
Suffix Codes
FB2
Type 3AG
N/A
FB2 + FBPC1
Yes
Type 3AG
Yes
WA
(i.e. E500WA)
FBPC1
Yes
Midget Type
Yes
WB
(i.e. E500WB)
FB2X *
Yes
Midget Type
W
(i.e. E500W)
FBP
Yes
Midget Type
N/A
CATALOG NUMBER
FIELD INSTALLED OPTIONS
DESCRIPTIONS
CATALOG NUMBER
FIELD INSTALLED OPTIONS
DESCRIPTIONS
FB2
Fuse Block - Secondary Side
Field installed secondary fuse holder kit
designed to accommodate one glass or
ceramic, ¼” x 1¼” fuse.
FBP
Fuse Block - Primary Side
Field installed primary fuse holder kit
designed to accommodate two class
“CC” rejection type fuse. Finger safe
covers not available.
FBPC1
Fuse Block and Finger Safe Cover Kit
Field installed primary fuse holder designed
to accommodate two class “CC” rejection
type fuses with primary and secondary.
Finger safe covers kit.
SBEDIN
DIN Circuit Breaker Mounting
Field installed IEC fuse holder adaptor
kit
FB2X
Fuse Block - Secondary Side
Field installed secondary fuse holder
designed to accommodate one 13/32"
x 1-1/2" (Midget type) cartridge fuse
(included with applicable transformer
purchase only).
IP20
Terminal Covers (Two Covers Per Kit)
Field installed primary and secondary
IEC Touch Proof Cover Kit.
FACTORY INSTALLED OPTIONS
Option
Secondary Fusing
WA
Glass/Ceramic - Type 3AG
(FB2 kit not installed)
WB
Midget Type
(FB2X installed)
SBE Control Transformer with
Covers - WA & WB Option
FACTORY INSTALLED OPTIONS
Option
W
SBE Control Transformer
without Covers - W Option
(FB2X not installed)


Podobny numer części - E100WB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gilway Technical Lamp
E100 GILWAY-E100 Datasheet
1Mb / 17P
   Miniature LEDs
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
Ferroxcube Internationa...
E100-3C90 FERROXCUBE-E100-3C90 Datasheet
43Kb / 3P
   E cores and accessories
E100-3C92 FERROXCUBE-E100-3C92 Datasheet
43Kb / 3P
   E cores and accessories
More results

Podobny opis - E100WB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
   Industrial Control Transformers
E150TH ETC2-E150TH Datasheet
435Kb / 6P
   Industrial Control Transformers
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0500-230-12 TALEMA-SFB0500-230-12 Datasheet
151Kb / 1P
   Control Panel Transformers
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
List of Unclassifed Man...
TT2146 ETC2-TT2146 Datasheet
261Kb / 1P
   3 PHASE CONTROL TRANSFORMERS
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com