Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STAC9708T Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części STAC9708T
Szczegółowy opis  Multi-Channel AC97 Codec With Multi-Codec Option
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STAC9708T Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STAC9708T Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9708T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
9
10/02/98
1
. PIN/SIGNAL DESCRIPTIONS
1.1 Digital I/O
These signals connect the STAC9708/11 to its AC'97 controller counterpart, an external crystal, multi-
codec selection and external audio amplifier.
Table 3. Digital Signal List
SIGNAL NAME
TYPE
DESCRIPTION
RESET #
I
AC'97 Master H/W Reset
XTL_IN
I
24.576 MHz Crystal
XTL_OUT
O
24.576 MHz Crystal
SYNC
I
48 kHz fixed rate sample sync
BIT_CLK
O
12.288 MHz serial data clock
SDATA_OUT
I
Serial, time division multiplexed, AC'97 input stream
SDATA__IN
O
Serial, time division multiplexed, AC'97 output stream
CID0
I
Multi-Codec ID select – bit 0
CID1
I
Multi-Codec ID select – bit 1
EAPD
O
External Amplifier Power Down
# denotes active low


Podobny numer części - STAC9708T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9704T HYNIX-STAC9704T Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9707 HYNIX-STAC9707 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9707T HYNIX-STAC9707T Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
More results

Podobny opis - STAC9708T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STAC9721 ETC1-STAC9721 Datasheet
394Kb / 48P
   Stereo AC 97 Codec With Multi-Codec Option
logo
Analog Devices
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
List of Unclassifed Man...
VT1616 ETC2-VT1616 Datasheet
497Kb / 40P
   6-Channel AC97 Codec with S/PDIF
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com