Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1012X Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części SI1012X
Szczegółowy opis  N-Channel 1.8 V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012X Arkusz danych(HTML) 7 Page - Vishay Siliconix

Back Button SI1012X Datasheet HTML 3Page - Vishay Siliconix SI1012X Datasheet HTML 4Page - Vishay Siliconix SI1012X Datasheet HTML 5Page - Vishay Siliconix SI1012X Datasheet HTML 6Page - Vishay Siliconix SI1012X Datasheet HTML 7Page - Vishay Siliconix SI1012X Datasheet HTML 8Page - Vishay Siliconix SI1012X Datasheet HTML 9Page - Vishay Siliconix SI1012X Datasheet HTML 10Page - Vishay Siliconix SI1012X Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C14-0222-Rev. E, 07-Apr-14
2
Document Number: 71348
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For Samsung only
Notes
(1) Millimeters will govern.
(2) Dimension exclusive of mold gate burrs.
(3) Dimension exclusive of mold flash and cutting burrs.
c
b
e
D
Top view
2
1
3
0.150 gauge line
Side view
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.60
0.70
0.80
0.024
0.028
0.031
A1
0.00
0.05
0.10
0.000
0.002
0.004
b
0.18
0.22
0.32
0.007
0.009
0.013
c
0.11
0.13
0.21
0.004
0.005
0.008
D
1.48
1.58
1.68
0.058
0.062
0.066
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
0.66
0.76
0.86
0.026
0.030
0.034
e
0.95
1.00
1.05
0.037
0.039
0.041
L
0.22
0.32
0.42
0.009
0.013
0.017
θ
10°
10°


Podobny numer części - SI1012X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1012X VISHAY-SI1012X Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012X VISHAY-SI1012X Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012X VISHAY-SI1012X Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
SI1012X VISHAY-SI1012X Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
Si1012X VISHAY-Si1012X Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
More results

Podobny opis - SI1012X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com