Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD546 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD546
Szczegółowy opis  1A Monolithic Electrometer Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD546 Arkusz danych(HTML) 4 Page - Analog Devices

  AD546_15 Datasheet HTML 1Page - Analog Devices AD546_15 Datasheet HTML 2Page - Analog Devices AD546_15 Datasheet HTML 3Page - Analog Devices AD546_15 Datasheet HTML 4Page - Analog Devices AD546_15 Datasheet HTML 5Page - Analog Devices AD546_15 Datasheet HTML 6Page - Analog Devices AD546_15 Datasheet HTML 7Page - Analog Devices AD546_15 Datasheet HTML 8Page - Analog Devices AD546_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD546–Typical Characteristics (V
S =
15 V, unless otherwise noted)
SUPPLY VOLTAGE
± V
20
15
0
05
20
10
15
10
5
+VIN
–VIN
Figure 1. Input Voltage Range
vs. Supply Voltage
SUPPLY VOLTAGE
± V
800
700
400
05
20
10
15
600
500
Figure 4. Quiescent Current vs.
Supply Voltage
TEMPERATURE – oC
3000
1000
100
–55
–25
125
535
65
95
300
RL = 10kΩ
Figure 7. Open Loop Gain vs.
Temperature
SUPPLY VOLTAGE
± V
20
15
0
05
20
10
15
10
5
+25oC
RL = 10kΩ
+VOUT
–VOUT
Figure 2. Output Voltage Range
vs. Supply Voltage
INPUT COMMON MODE VOLTAGE – V
120
110
70
–15
+15
–10
0
+10
100
90
80
Figure 5. CMRR vs. Input
Common-Mode Voltage
WARM-UP TIME – Minutes
30
0
01
7
23456
25
20
15
10
5
Figure 8. Change in Offset
Voltage vs. Warm-Up Time
30
15
0
100k
10k
1k
10
10
5
20
25
LOAD RESISTANCE –
100
VS = ± 15 VOLTS
Figure 3. Output Voltage Swing
vs. Resistive Load
RL = 10kΩ
SUPPLY VOLTAGE
± V
3000
1000
100
05
20
10
15
300
Figure 6. Open Loop Gain vs.
Supply Voltage
COMMON-MODE VOLTAGE – Volts
300
250
100
–10
–5
10
05
200
150
+25oC
Figure 9. Input Bias Current vs.
Common-Mode Voltage
REV. A
–4–
OBSOLETE


Podobny numer części - AD546_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD546J AD-AD546J Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546JN AD-AD546JN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546K AD-AD546K Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546KN AD-AD546KN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
More results

Podobny opis - AD546_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
   1A Power Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com