Zakładka z wyszukiwarką danych komponentów |
|
AD9032 Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD9032 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page AD9032–SPECIFICATIONS ELECTRICAL CHARACTERISTICS Test AD9032AD/AZ AD9032BD/BZ AD9032TD/TZ Parameter (Conditions) Temp Level Min Typ Max Min Typ Max Min Typ Max Units RESOLUTION 12 12 12 Bits DC ACCURACY Differential Nonlinearity +25 °C I 0.65 1.25 0.5 1.0 0.5 1.0 LSB Full VI 1.75 1.5 1.5 LSB Integral Nonlinearity +25 °C V 1.0 1.0 1.0 LSB Full V 2.0 2.0 2.0 LSB No Missing Codes Full VI Guaranteed Guaranteed Guaranteed Offset Error +25 °C I 515 5 15 515 mV Full VI 25 25 30 mV Gain Error +25 °CI ±0.5 ±1.0 ±0.5 ±1.0 ±0.5 ±1.0 % FS Full VI ±2.5 ±2.5 ±2.5 % FS ANALOG INPUT Input Voltage Range +25 °CI ±1.024 ±1.024 ±1.024 V Input Resistance +25 °C VI 95 100 105 95 100 105 95 100 105 Ω Input Capacitance +25 °C IV 7 10 7 10 7 10 pF Analog Bandwidth +25 °C IV 150 220 150 220 150 220 MHz SWITCHING PERFORMANCE 1 Conversion Rate Full VI dc 25.6 dc 25.6 dc 25.6 MSPS Aperture Delay (tA) Full IV 1 3 5 1 3 5 1 3 5 ns Aperture Uncertainty (jitter) Full IV 4 8 4 8 4 8 ps, rms Output Delay (tOD) Full IV 9 13 17 9 13 17 9 13 17 ns Data Ready Delay (tDR) Full IV 3.5 7.5 10.5 3.5 7.5 10.5 3.5 7.5 10.5 ns Output Time Skew Full IV 1 2 1 2 1 2 ns ENCODE INPUT Logic “1” Voltage Full IV –1.1 –1.1 –1.1 V Logic “0” Voltage Full IV –1.5 –1.5 –1.5 V Logic “1” Current Full VI 150 300 150 300 150 300 µA Logic “0” Current Full VI 150 300 150 300 150 300 µA Input Capacitance +25 °C V 10 10 10 pF Pulse Width (High) +25 °C IV 10 1010ns Pulse Width (Low) +25 °C IV 10 1010ns DYNAMIC PERFORMANCE Transient Response +25 °C IV 1227 1227 1227ns Overvoltage Recovery Time +25 °C IV 2537 2537 2537ns Harmonic Distortion Analog Input @ 1.2 MHz +25 °C I 70 80 75 82 75 82 dBc @ 1.2 MHz Full VI 67 70 70 dBc @ 4.3 MHz +25 °C V 76 77 77 dBc @ 9.6 MHz +25 °C I 68 75 72 76 72 76 dBc @ 9.6 MHz Full VI 64 68 64 dBc @ 12.1 MHz +25 °C V 72 74 74 dBc Signal-to-Noise Ratio 2 Analog Input @ 1.2 MHz +25 °C I 63 66 64 67 64 67 dB @ 1.2 MHz Full VI 61 63 61 dB @ 4.3 MHz +25 °C V 64 65 65 dB @ 9.6 MHz +25 °C I 62 64 62 64 62 64 dB @ 9.6 MHz Full VI 60 61 58 dB @ 12.1 MHz +25 °C V 64 64 64 dB Two-Tone Intermodulation Distortion Rejection 3 +25 °C V 66 68 68 dBc –2– (+VS = +5 V; –VS = –5.2 V, Encode = 25.6 MSPS, unless otherwise noted) REV. 0 OBSOLETE |
Podobny numer części - AD9032_15 |
|
Podobny opis - AD9032_15 |