Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADDC02815DA Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADDC02815DA
Szczegółowy opis  28 V/100 W DC/DC Converters with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Arkusz danych(HTML) 5 Page - Analog Devices

  ADDC02815DA_15 Datasheet HTML 1Page - Analog Devices ADDC02815DA_15 Datasheet HTML 2Page - Analog Devices ADDC02815DA_15 Datasheet HTML 3Page - Analog Devices ADDC02815DA_15 Datasheet HTML 4Page - Analog Devices ADDC02815DA_15 Datasheet HTML 5Page - Analog Devices ADDC02815DA_15 Datasheet HTML 6Page - Analog Devices ADDC02815DA_15 Datasheet HTML 7Page - Analog Devices ADDC02815DA_15 Datasheet HTML 8Page - Analog Devices ADDC02815DA_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OBSOLETE
ADDC02812DA/ADDC02815DA
REV. 0
–5–
Typical Performance Curves
OUTPUT POWER – Watts
86
70
10
100
20
30
40
50
60
70
80
90
84
78
76
74
72
82
80
40V
18V
28V
VIN = 28V
VO = +12V
TC = +25°C
Figure 1. Efficiency vs. Line and Load at +25
°C
(ADDC02812DA)
OUTPUT POWER – Watts
10
100
20
30
40
50
60
70
80
90
88
86
70
78
76
74
72
82
80
84
28V
18V
40V
VIN = 28V
VO = ± 15V
TC = +25°C
Figure 2. Efficiency vs. Line and Load at +25
°C
(ADDC02815DA)
TCASE – °C
87
86
83
–55
90
–45
–35
–15
–5
5
25
45
65
85
85
84
Figure 3. Efficiency vs. Case Temperature (
°C)
(at Nominal VIN, 75% Max Load, ADDC02812DA)
OUTPUT POWER – Watts
14.4
14.2
13.0
50
100
60
70
80
90
13.8
13.6
13.4
13.2
14.0
Figure 4. Low Line Dropout vs. Load at 90
°C Case
Temperature
TCASE – °C
1.00
0.50
–1.00
–55
90
–35
–15
5
25
55
75
0.00
–0.50
Figure 5. Normalized Output Voltage vs. Case
Temperature (
°C)
VINHIBIT
VO
2V
/DIV
1ms
Figure 6. Output Voltage Transient During Turn-On
with Minimum Load Displaying Soft Start When Supply
Is Enabled


Podobny numer części - ADDC02815DA_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02815DAKV AD-ADDC02815DAKV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV AD-ADDC02815DATV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV/QMLH AD-ADDC02815DATV/QMLH Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

Podobny opis - ADDC02815DA_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com