Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP250 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części OP250
Szczegółowy opis  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP250 Arkusz danych(HTML) 1 Page - Analog Devices

  OP250_15 Datasheet HTML 1Page - Analog Devices OP250_15 Datasheet HTML 2Page - Analog Devices OP250_15 Datasheet HTML 3Page - Analog Devices OP250_15 Datasheet HTML 4Page - Analog Devices OP250_15 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
a
OP150/OP250/OP450
PIN CONFIGURATIONS
CMOS Single-Supply Rail-to-Rail
Input/Output Operational Amplifier
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacture unless otherwise agreed to in writing.
FEATURES
Single-Supply Operation: 2.7 V to 6 V
High Output Current:
250 mA
Low Supply Current: 600
A/Amp
Wide Bandwidth: 4 MHz
Slew Rate: 6.5 V/ s
No Phase Reversal
Low Input Currents
Unity Gain Stable
APPLICATIONS
Battery Powered Instrumentation
Multi Media Audio
Medical
Remote Sensors
ASIC Input or Output Amplifier
Automotive
Headphone Driver
GENERAL DESCRIPTION
The OP150, OP250 and OP450 are single, dual and quad
CMOS single-supply, 4 MHz bandwidth amplifiers featuring
rail-to-rail inputs and outputs. All are guaranteed to operate from
a 3 volt single supply as well as a +5 volt supply.
The OP150 family of amplifiers have very low input bias cur-
rents. The outputs are capable of driving 250 mA loads and are
stable with capacitive loads as high as 500 pF.
Applications for these amplifiers include portable medical
equipment, safety and security, and interface for transducers
with high output impedances.
Supply current is only 600
µA per amplifier.
The ability to swing rail-to-rail at both the input and output en-
ables designers to build multistage filters in single-supply sys-
tems and maintain high signal-to-noise ratios.
The OP150/OP250/OP450 are specified over the extended in-
dustrial (-40
°C to +125°C) temperature range. The OP150
single amplifiers are available in 8-pin SO surface mount and
the 5-pin SOT23-5 packages. The OP250 dual is available in 8-
pin plastic DIPs and SO surface mount packages. The OP450
quad is available in 14-pin DIPs, TSSOP and narrow 14-pin SO
packages. Consult factory for TSSOP availability.
8-Lead Narrow-Body SO
(S Suffix)
OP150
OUT
V+
NC
NC
NC
–IN
+IN
V–
8-Lead Narrow-Body SO
(S Suffix)
OP250
–IN B
OUT B
+IN B
V+
OUT A
–IN A
+IN A
V–
14-Lead Epoxy DIP
(P Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP450
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
5-Lead SOT23-5
(RT Suffix)
OP150
OUT
V–
+IN
V+
–IN
8 Lead Epoxy DIP
(P Suffix)
1
2
3
4
8
7
6
5
OP250
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
14-Lead SO
(S Suffix)
+IN D
–IN D
OUT D
OUT A
–IN A
+IN A
V+
–IN C
+IN C
OUT C
+IN B
–IN B
OUT B
V–
OP450
14-Lead
TSSOP
(RU Suffix)
OP450
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
PRELIMINARY TECHNICAL DATA
OBSOLETE


Podobny numer części - OP250_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OP250G4 TI-OP250G4 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Analog Devices
OP250GBC AD-OP250GBC Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250GP AD-OP250GP Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250GRU AD-OP250GRU Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP250GRU AD-OP250GRU Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results

Podobny opis - OP250_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628 AD-AD8628 Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com