Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9022_15 Datasheet HTML 1Page - Analog Devices AD9022_15 Datasheet HTML 2Page - Analog Devices AD9022_15 Datasheet HTML 3Page - Analog Devices AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
AD9022
REV. A
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample tested only.
IV – Parameter is guaranteed by design and characterization
testing.
V – Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; guaranteed by design and characteriza-
tion testing for industrial devices.
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . 205
× 228 × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4,080
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Bond Wire . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
PIN DESCRIPTIONS
Pin No.
Name
Function
1–3
D3–D1
Digital output bits of ADC; TTL
compatible.
4
D0 (LSB)
Least significant bit of ADC output;
TTL compatible.
5
NC
No Connection Internally
6+VS
+5 V Power Supply
7
GND
Ground
8
ENCODE
Encode clock input to ADC. Internal
T/H is placed in hold mode (ADC is
encoding) on rising edge of encode
signal.
9
GND
Ground
10
+VS
+5 V Power Supply
11
GND
Ground
12
AIN
Noninverting input to T/H amplifier.
13
–VS
–5.2 V Power Supply
14
+VS
+5 V Power Supply
15
–VS
–5.2 V Power Supply
16
GND
Ground
17
COMP
Should be connected to –VS through
0.1
µF capacitor.
18
D11 (MSB) Most significant bit of ADC output;
TTL compatible.
19–25
D10–D4
Digital output bits of ADC; TTL
compatible.
26
+VS
+5 V Power Supply
27
–VS
–5.2 V Power Supply
28
GND
Ground
PIN DESIGNATIONS
NC = NO CONNECT
COMPENSATION (PIN 17) SHOULD BE
CONNECTED TO –V
S
THROUGH 0.01
µF
D3
D2
GND
–V
S
NC
+V
S
GND
D5
D6
D7
D1
D0 (LSB)
+V
S
D4
ENCODE
D8
GND
D9
+V
S
D10
GND
D11 (MSB)
A
IN
COMP
–V
S
GND
+V
S
–V
S
13
18
1
2
28
27
5
6
7
24
23
22
3
4
26
25
8
21
9
20
10
19
11
12
17
16
14
15
TOP VIEW
(Not to Scale)
AD9022
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
GND
+V
S
GND
ENCODE
GND
D0 (LSB)
ENCODE
OBSOLETE


Podobny numer części - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Podobny opis - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com