Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9022_15 Datasheet HTML 1Page - Analog Devices AD9022_15 Datasheet HTML 2Page - Analog Devices AD9022_15 Datasheet HTML 3Page - Analog Devices AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AD9022
REV. A
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
12-Bit 20 MSPS
Monolithic A/D Converter
PRODUCT DESCRIPTION
The AD9022 is a high speed, high performance, monolithic 12-
bit analog-to-digital converter. All necessary functions, includ-
ing track-and-hold (T/H) and reference, are included on chip to
provide a complete conversion solution. It is a companion unit
to the AD9023; the primary difference between the two is that
all logic for the AD9022 is TTL compatible, while the AD9023
utilizes ECL logic for digital inputs and outputs. Pinouts for the
two parts are nearly identical.
Operating from +5 V and –5.2 V supplies, the AD9022 pro-
vides excellent dynamic performance. Sampling at 20 Msps with
AIN = 1 MHz, the spurious-free dynamic range (SFDR) is typi-
cally 76 dB; with AIN = 9.6 MHz, SFDR is 74 dB. SNR is typi-
cally 65 dB.
The on-board T/H has a 110 MHz bandwidth and, more impor-
tantly, is designed to provide excellent dynamic performance for
analog input frequencies above Nyquist. This feature is neces-
sary in many under-sampling signal processing applications,
such as in direct IF-to-digital conversion.
To maintain dynamic performance at higher IFs, monolithic
RF track-and-holds (such as the AD9100 and AD9101
Samplifier™) can be used with the AD9022 to process signals
up to and beyond 70 MHz.
Samplifier is a trademark of Analog Devices, Inc.
With DNL typically less than 0.5 LSB and 20 ns transient re-
sponse settling time, the AD9022 provides excellent results
when low-frequency analog inputs must be oversampled (such
as CCD digitization). The full scale analog input is
±1 V with a
300
Ω input impedance. The analog input can be driven directly
from the signal source, or can be buffered by the AD96xx series
of low noise, low distortion buffer amplifiers.
All timing is internal to the AD9022; the clock signal initiates
the conversion cycle. For best results, the encode command
should contain as little jitter as possible. High speed layout prac-
tices must be followed to ensure optimum A/D performance.
The AD9022 is built on a trench isolated bipolar process and
utilizes an innovative multipass architecture (see the block
diagram). The unit is packaged in 28-pin ceramic DIPs and
gullwing surface mount packages. The AD9022 is specified to
operate over the industrial (–25
°C to +85°C) and military
(–55
°C to +125°C) temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
4-BIT
ADC
DAC
DAC
5-BIT
ADC
DIGITAL
ERROR
CORRECTION
5-BIT
ADC
12
8
TTL
T/H
+2V
REF
GND
+5V
–5.2V
ENCODE
ANALOG
INPUT
T/H
16
FEATURES
Monolithic
12-Bit 20 MSPS A/D Converter
Low Power Dissipation: 1.4 Watts
On-Chip T/H and Reference
High Spurious-Free Dynamic Range
TTL Logic
APPLICATIONS
Radar Receivers
Digital Communications
Digital Instrumentation
Electro-Optics
OBSOLETE


Podobny numer części - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Podobny opis - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com