Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices AD9022_15 Datasheet HTML 10Page - Analog Devices AD9022_15 Datasheet HTML 11Page - Analog Devices AD9022_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
AD9022
REV. A
Analog Input
Analog input signals can be fed directly into the device under
test input (AIN). The AIN input is terminated at the device with
a 62
Ω resistor to give a parallel equivalent of 51Ω (62 Ω 300 Ω).
DAC Reconstruction
The AD9022 evaluation board provides an on-board AD9713B
reconstruction DAC for observing the digitized analog input
signal. The AD9713B is terminated into 51
Ω to provide a
1 V p-p signal at the output (RC Output).
Output Data
The output data bits are latched with two 74LS574 latches
which drive a 40-pin connector (AMP p/n 102153-09). The
data and clock signals are available at the connector per the pin
assignments shown on the schematic of the evaluation board.
Data is latched on the rising edge of the encode clock.
Figure 12. AD9022/PCB Evaluation Board Schematic
OBSOLETE


Podobny numer części - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Podobny opis - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com