Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9022_15 Datasheet HTML 1Page - Analog Devices AD9022_15 Datasheet HTML 2Page - Analog Devices AD9022_15 Datasheet HTML 3Page - Analog Devices AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9022–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9022AQ/AZ
AD9022BQ/BZ
AD9022SQ/SZ
Parameter (Conditions)
Temp
Level
Min Typ
Max
Min Typ
Max
Min Typ
Max
Units
RESOLUTION
12
12
12
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.6
0.75
0.4
0.5
0.6
0.75
LSB
Full
VI
1.0
1.0
1.0
LSB
Integral Nonlinearity
+25
°C
I
1.3
2.5
1.3
2.0
1.3
2.5
LSB
Full
VI
1.6
3.0
1.6
3.0
1.6
3.0
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Offset Error
+25
°CI
5
25
5
25
5
25
mV
Full
VI
15
35
15
35
15
35
mV
Gain Error
+25
°C
I
0.5
2.5
0.5
2.5
0.5
2.5
% FS
Full
VI
0.6
3.5
0.6
3.5
0.6
3.5
% FS
Thermal Noise
+25
°C
V
0.57
0.57
0.57
LSB, rms
ANALOG INPUT
Input Voltage Range
±1.024
±1.024
±1.024
V
Input Resistance
Full
IV
240
300
360
240
300
360
240
300
360
Input Capacitance
+25
°CV
5
5
5
pF
Analog Bandwidth
+25
°C
V
110
110
110
MHz
SWITCHING PERFORMANCE
1
Minimum Conversion Rate
+25
°C
IV
4
4
4
Msps
Maximum Conversion Rate
Full
VI
20
20
20
Msps
Aperture Delay (tA)
+25
°C
IV
0.55 0.71 0.85
0.55 0.71 0.85
0.55 0.71 0.85
ns
Aperture Uncertainty (Jitter)
+25
°C
V
6
6
6
ps, rms
Output Delay (tOD)
Full
VI
15
27.5
15
27.5
15
27.5
ns
ENCODE INPUT
Logic Compatibility
TTL
TTL
TTL
Logic “1” Voltage
Full
VI
2.0
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
8
20
8
20
8
20
µA
Logic “0” Current
Full
VI
8
20
8
20
8
20
µA
Input Capacitance
+25
°CV
6
6
6
pF
Pulse Width (High)
+25
°C
IV
22.5
125
22.5
125
22.5
125
ns
Pulse Width (Low)
+25
°C
IV
20
125
20
125
20
125
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°C
V
20
20
20
ns
Overvoltage Recovery Time
+25
°C
V
20
20
20
ns
Harmonic Distortion
Analog Input @ 1.2 MHz
+25
°C
I
65
73
70
75
65
73
dBc
@ 1.2 MHz
Full
V
70
72
70
dBc
@ 4.3 MHz
+25
°C
V
73
75
73
dBc
@ 9.6 MHz
+25
°C
I
63
72
69
74
63
72
dBc
@ 9.6 MHz
Full
V
68
72
68
dBc
Signal-to-Noise Ratio
2
Analog Input @ 1.2 MHz
+25
°C
I
62
64
64
66
62
64
dB
@ 1.2 MHz
Full
V
63
65
63
dB
@ 4.3 MHz
+25
°C
V
64
66
64
dB
@ 9.6 MHz
+25
°C
I
61
63
63
65
61
63
dB
@ 9.6 MHz
Full
V
62
63
62
dB
Signal-to-Noise Ratio
2
(Without Harmonics)
Analog Input @ 1.2 MHz
+25
°C
I
63
66
65
67
63
66
dB
@ 1.2 MHz
Full
V
64
66
64
dB
@ 4.3 MHz
+25
°C
V
66
66
66
dB
@ 9.6 MHz
+25
°C
I
62
65
64
66
62
65
dB
@ 9.6 MHz
Full
V
63
65
63
dB
–2–
REV. A
(+VS = +5 V; –VS = –5.2 V; Encode = 20 MSPS, unless otherwise noted)
OBSOLETE


Podobny numer części - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Podobny opis - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com