Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9022_15 Datasheet HTML 1Page - Analog Devices AD9022_15 Datasheet HTML 2Page - Analog Devices AD9022_15 Datasheet HTML 3Page - Analog Devices AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9022 Timing Diagram
ABSOLUTE MAXIMUM RATINGS
1
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
–VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–6 V
Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS to 0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature Range
AD9022AQ/AZ/BQ/BZ . . . . . . . . . . . . . . . –25
°C to +85°C
AD9022SQ/SZ . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature
2 . . . . . . . . . . . . . . . . +175
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances: “Q” Package (Ceramic DIP):
θ
JC = 10°C/W; θJA =
35
°C/W. “Z” Package (Gullwing Surface Mount): θ
JC = 13°C/W; θJA = 45°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9022AQ/BQ –25
°C to +85°C 28-Pin Ceramic DIP Q-28
AD9022AZ/BZ –25
°C to +85°C 28-Pin Ceramic
Z-28
Leaded Chip Carrier
AD9022SQ
–55
°C to +125°C 28-Pin Ceramic DIP Q-28
AD9022SZ
–55
°C to +125°C 28-Pin Ceramic
Z-28
Leaded Chip Carrier
AD9022
–3–
REV.A
Test
AD9022AQ/AZ
AD9022BQ/BZ
AD9022SQ/SZ
Parameter (Conditions)
Temp
Level
Min Typ
Max
Min Typ
Max
Min Typ
Max
Units
Two-Tone Intermodulation
+25
°C
V
74
74
74
dBc
Distortion Rejection
3
DIGITAL OUTPUTS
1
Logic Compatibility
TTL
TTL
TTL
Logic “1” Voltage
Full
VI
2.4
2.4
2.4
V
Logic “0” Voltage
Full
VI
0.5
0.5
0.5
V
Output Coding
Offset Binary
Offset Binary
Offset Binary
POWER SUPPLY
+VS Supply Voltage
Full
VI
4.75 5.0
5.25
4.75 5.0
5.25
4.75 5.0
5.25
mA
+VS Supply Current
Full
VI
100
120
100
120
100
120
mA
–VS Supply Voltage
Full
VI
–5.45 –5.2 –4.95
–5.45 –5.2 –4.95
–5.45 –5.2 –4.95
mA
–VS Supply Current
Full
VI
180
220
180
220
180
220
mA
Power Dissipation
Full
VI
1.4
1.9
1.4
1.9
1.4
1.9
W
Power Supply
Rejection Ratio (PSRR)
4
Full
V
32
32
32
mV/V
NOTES
1AD9022 load is a single LS latch.
2RMS signal-to-rms noise with analog input signal 1 dB below full scale at specified frequency. Tested at 55% duty cycle.
3Intermodulation measured with analog input frequencies of 8.9 MHz and 9.8 MHz at 7 dB below full scale.
4PSRR is sensitivity of offset error to power supply variations within the 5% limits shown.
Specifications subject to change without notice.
N – 2
N – 1
DATA
OUTPUT
N
N – 3
N
N + 1
ANALOG
IN
tOD = 15–27.5 TYPICAL
ta = 0.7 TYPICAL
N + 2
ta
tOD
ENCODE
OBSOLETE


Podobny numer części - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Podobny opis - AD9022_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com