Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADDC02808PB Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADDC02808PB
Szczegółowy opis  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADDC02808PB_15 Datasheet HTML 5Page - Analog Devices ADDC02808PB_15 Datasheet HTML 6Page - Analog Devices ADDC02808PB_15 Datasheet HTML 7Page - Analog Devices ADDC02808PB_15 Datasheet HTML 8Page - Analog Devices ADDC02808PB_15 Datasheet HTML 9Page - Analog Devices ADDC02808PB_15 Datasheet HTML 10Page - Analog Devices ADDC02808PB_15 Datasheet HTML 11Page - Analog Devices ADDC02808PB_15 Datasheet HTML 12Page - Analog Devices ADDC02808PB_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADDC02808PB
REV. 0
–9–
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 21. Predicted Response for 24 A Step Load
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD =
2,000
µF and R
ESR = 5 mΩ
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 22. Predicted Response for 24 A Step Load
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD =
4,000
µF and R
ESR = 2.5 m
Factory Set Internal Compensation
If the user knows the external load capacitance and RESR to be
used in the application and if the application requires better
pulse response than is summarized in Table I, then the internal
feedback compensation can be modified at the factory to im-
prove the transient response. In these instances, the compensa-
tion is optimized for a particular CLOAD at the expense of
performing well over a broader range of CLOAD. The predicted
maximum output voltage deviation and settling times for fac-
tory-modified feedback compensation are shown in Figures 23,
24, and 25, and summarized in Table II, for three combinations
of CLOAD and RESR. As can be seen, optimizing the compensa-
tion for a given load capacitance gives the best transient re-
sponse in terms of both voltage deviation and settling time.
Table II.
Output Response to a 24 A (1 A-25 A) Step in
Load Current (Compensation Optimized)
Typical
Settling Time
See
CLOAD
RESR
Deviation
(Within 1%)
Figure
1,000
µF
10 m
–4%
125
µs23
2,000
µF5 mΩ
–2.5%
100
µs24
4,000
µF
2.5 m
–1%
0
µs25
Connection to Load
Pulse performance is dependent on minimizing the parasitic im-
pedances in the connection between the converter output and
the load and external capacitors. Low inductance and low resis-
tance connections should be used. Multilayer connections
should be avoided to minimize stray capacitance. The converter
should be placed as close to the load and external capacitors as
possible.
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 23. Predicted Response for 24 A Step Load Change,
di/dt = 12 A/
µs, with Factory Set Internal Compensation
Optimized for CLOAD = 1,000 µF and RESR = 10 mΩ
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 24. Predicted Response for 24 A Step Load Change,
di/dt = 12 A/
µs, with Factory Set Internal Compensation
Optimized for CLOAD = 2,000 µF and RESR = 5 mΩ
OBSOLETE


Podobny numer części - ADDC02808PB_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02808PBKV AD-ADDC02808PBKV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV AD-ADDC02808PBTV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV/QMLH AD-ADDC02808PBTV/QMLH Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
More results

Podobny opis - ADDC02808PB_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com