Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1819A Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD1819A
Szczegółowy opis  AC 97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1819A Arkusz danych(HTML) 4 Page - Analog Devices

  AD1819A_15 Datasheet HTML 1Page - Analog Devices AD1819A_15 Datasheet HTML 2Page - Analog Devices AD1819A_15 Datasheet HTML 3Page - Analog Devices AD1819A_15 Datasheet HTML 4Page - Analog Devices AD1819A_15 Datasheet HTML 5Page - Analog Devices AD1819A_15 Datasheet HTML 6Page - Analog Devices AD1819A_15 Datasheet HTML 7Page - Analog Devices AD1819A_15 Datasheet HTML 8Page - Analog Devices AD1819A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
–4–
REV. 0
AD1819A–SPECIFICATIONS
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Total Harmonic Distortion (THD)
0.02
%
–74
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
A-Weighted)
84
87
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
85
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–100
–90
dB
Line to Other
–90
–85
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
±5mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Total Harmonic Distortion (THD) LINE_OUT
0.02
%
–74
dB
Dynamic Range (–60 dB Input THD+N Referenced to Full Scale,
A-Weighted)
85
90
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
85
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure LINE_OUT_R; Input R,
dB
Zero L, Measure LINE_OUT_L)
–80
dB
Total Out-of-Band Energy (Measured from 0.6
× F
S to 20 kHz)*
–40
dB
MASTER VOLUME
Parameter
Min
Typ
Max
Units
Step Size (0 dB to –46.5 dB)
LINE_OUT_L, LINE_OUT_R, MONO_OUT
1.5
dB
Output Attenuation Range Span
46.5
dB
Mute Attenuation of 0 dB Fundamental*
75
dB
ANALOG OUTPUT
Parameter
Min
Typ
Max
Units
Full-Scale Output Voltage
1
V rms
2.83
V p-p
Output Impedance*
800
External Load Impedance
10
k
Output Capacitance*
15
pF
External Load Capacitance
100
pF
V
REF
2.00
2.25
2.50
V
VREF Current Drive
100
µA
VREFOUT
2.25
V
VREFOUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)*
±5mV
*Guaranteed, not tested.
Specifications subject to change without notice.
OBSOLETE


Podobny numer części - AD1819A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1819 AD-AD1819 Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

Podobny opis - AD1819A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com