Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5539 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD5539
Szczegółowy opis  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5539 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD5539_15 Datasheet HTML 5Page - Analog Devices AD5539_15 Datasheet HTML 6Page - Analog Devices AD5539_15 Datasheet HTML 7Page - Analog Devices AD5539_15 Datasheet HTML 8Page - Analog Devices AD5539_15 Datasheet HTML 9Page - Analog Devices AD5539_15 Datasheet HTML 10Page - Analog Devices AD5539_15 Datasheet HTML 11Page - Analog Devices AD5539_15 Datasheet HTML 12Page - Analog Devices AD5539_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD5539
–9–
REV. B
Figures 21 and 22 show the small and large signal pulse re-
sponses of the general purpose inverter circuit of Figure 17, with
CLEAD = 1.5 pF, RLAG = 330
Ω and C
LAG = 3.5 pF.
Figure 21. Small Signal Pulse Response of the (Figure 17)
Inverter Circuit; Vertical Scale: 50 mV/div; Horizontal
Scale: 5 ns/div
Figure 22. Large Signal Response of the (Figure 17)
Inverter Circuit; Vertical Scale: 200 mV/div, Horizontal
Scale: 5 ns/div
A CLEAD capacitor may be used to limit the circuit bandwidth
and to achieve a single pole response free of overshoot
–3 dB frequency
=
1
2
π R2 C
LEAD


If this option is selected, it is recommended that a CLEAD be
connected between Pin 12 and the summing junction, as shown
in Figure 23. Pin 12 provides a separately buffered version of
the output signal. Connecting the lead capacitor here avoids the
excess output-stage phase shift and subsequent oscillation prob-
lems (at approx. 350 MHz) which would otherwise occur when
using the circuit of Figure 17 with a CLEAD of more than about
2 pF.
Figure 24 shows the response of the circuit of Figure 23 for each
connection of CLEAD. Lag components may also be added to this
circuit to further tailor its response, but, in this case, the results
will be slightly less satisfactory than connecting CLEAD directly
to the output, as was done in Figure 17.
Figure 23. A Gain of 2 Inverter Circuit with the CLEAD
Capacitor Connected to Pin 12
Figure 24. Response of the Circuit of Figure 23 with
CLEAD = 10 pF
A General Purpose Voltage Follower Circuit
Noninverting (voltage follower) circuits pose an additional com-
plication, in that when a lag network is used, the source imped-
ance will affect the noise gain. In addition, the slightly greater
bandwidth of the noninverting configuration makes any excess
phase shift due to the output stage more of a problem.
For example, a gain of 3 noninverting circuit with CLEAD con-
nected normally (across the feedback resistor – Figure 25) will
require a source resistance of 200
Ω or greater to prevent UHF
oscillation; the extra source resistance provides some damping
as well as increasing the noise gain. The frequency response plot
of Figure 26 shows that the highest –3 dB frequency of all the
applications circuits can be achieved using this connection, un-
fortunately, at the expense of a noise gain of 14.2.
OBSOLETE


Podobny numer części - AD5539_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5539J AD-AD5539J Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JN AD-AD5539JN Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JQ AD-AD5539JQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539S AD-AD5539S Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539SQ AD-AD5539SQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Podobny opis - AD5539_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com