Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD721 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD721
Szczegółowy opis  RGB to NTSC/PAL Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD721 Arkusz danych(HTML) 6 Page - Analog Devices

  AD721_15 Datasheet HTML 1Page - Analog Devices AD721_15 Datasheet HTML 2Page - Analog Devices AD721_15 Datasheet HTML 3Page - Analog Devices AD721_15 Datasheet HTML 4Page - Analog Devices AD721_15 Datasheet HTML 5Page - Analog Devices AD721_15 Datasheet HTML 6Page - Analog Devices AD721_15 Datasheet HTML 7Page - Analog Devices AD721_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
AD720/AD721
The filtered output is summed with the luminance signal to cre-
ate a composite video signal. The separate luminance, chromi-
nance, and composite video signals are amplified by gain-of-two
amplifiers for driving 75
Ω reverse-terminated lines. The sepa-
rate luminance and chrominance outputs together are known as
“S-Video.”
The digital section of the AD720/AD721 is clocked by the
4FSC input. It measures the width of pulses in the composite
sync input to separate vertical, horizontal, and serration pulses
and to insert the subcarrier burst only after a valid horizontal
sync pulse.
Asserting the ENCD pin to a logical low routes the AD721’s
RGB inputs through three gain-of-two bypass buffers for driving
75
Ω reverse-terminated lines, bypassing the encoder section of
the AD721. The triple bypass amplifier is utilized to overcome
the loading effects of a “TV-out” connection on the RGB moni-
tor output. When a video encoder is connected to outputs of a
current-out video RAMDAC or VGA controller, the R, G, and
B signals to the monitor are loaded-down. This requires the use
of a gain block to properly drive the monitor.
0.1
µF
4
3
2
1
28
27
26
18
17
16
15
14
13
12
11
10
9
8
6
7
5
19
25
24
23
22
21
20
AGND
VNEG
SYNC
DPOS
4FSC
DPOS
ASNC
DGND
ENCD
RDIN
AGND
GRIN
AGND
BLIN
STND
AGND
VNEG
DGND
AD720
CHROMINANCE OUTPUT
COMPOSITE OUTPUT
LUMINANCE OUTPUT
75
75
75
RGB TO NTSC/PAL
ENCODER
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
–5V FROM ANALOG SUPPLY
COMPOSITE SYNC INPUT
CMOS LOGIC LEVEL
NEGATIVE SYNC TIPS
+5V FROM
DIGITAL SUPPLY
+5V FROM
DIGITAL SUPPLY
4 X SUBCARRIER INPUT
CMOS LOGIC LEVELS
NTCS = 14.318 180MHz
PAL = 17.734 480MHz
ENCODE INPUT
ENCODE = CMOS HIGH
POWER DOWN = CMOS LOW
VIDEO STANDARD
SELECTION INPUT
NTSC = CMOS HIGH
PAL = CMOS LOW
+5V FROM
ANALOG SUPPLY
+5V FROM
ANALOG SUPPLY
–5V FROM
ANALOG SUPPLY
75
75
75
VIDEO
RAM-DAC
ADV47X
ADV71XX
IOR
IOG
IOB
75
75
75
Figure 9. AD720 Application
+5V FROM
ANALOG SUPPLY
0.1
µF
0.1
µF
–5V FROM
ANALOG SUPPLY
BLUE OUTPUT
GREEN OUTPUT
RED OUTPUT
75
75
75
4
3
2
1
28
27
26
18
17
16
15
14
13
12
11
10
9
8
6
7
5
19
25
24
23
22
21
20
AGND
VNEG
SYNC
DPOS
4FSC
DPOS
ASNC
DGND
ENCD
RDIN
AGND
GRIN
AGND
BLIN
STND
AGND
VNEG
DGND
AD721
CHROMINANCE OUTPUT
COMPOSITE OUTPUT
LUMINANCE OUTPUT
75
75
75
RGB TO NTSC/PAL
ENCODER
0.1
µF
0.1
µF
0.1
µF
0.1
µF
–5V FROM ANALOG SUPPLY
COMPOSITE SYNC INPUT
CMOS LOGIC LEVEL
NEGATIVE SYNC TIPS
+5V FROM
DIGITAL SUPPLY
+5V FROM
DIGITAL SUPPLY
4 X SUBCARRIER INPUT
CMOS LOGIC LEVELS
NTCS = 14.318 180MHz
PAL = 17.734 480MHz
ENCODE INPUT
ENCODE = CMOS HIGH
BYPASS = CMOS LOW
VIDEO STANDARD
SELECTION INPUT
NTSC = CMOS HIGH
PAL = CMOS LOW
+5V FROM
ANALOG SUPPLY
75
75
75
VIDEO
RAM-DAC
ADV47X
ADV71XX
IOR
IOG
IOB
75
75
75
Figure 10. AD721 Application
OBSOLETE


Podobny numer części - AD721_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD721-00 ETC2-AD721-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Emerson Network Power
AD7216N2L EMERSON-NETWORKPOWER-AD7216N2L Datasheet
204Kb / 2P
   Universal AC input
logo
Analog Devices
AD721JP AD-AD721JP Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results

Podobny opis - AD721_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154 Datasheet
579Kb / 34P
   NTSC/PAL Encoders
HMP8154 INTERSIL-HMP8154_05 Datasheet
563Kb / 34P
   NTSC/PAL Encoders
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com