Zakładka z wyszukiwarką danych komponentów |
|
AD721 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD721 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 8 page AD720/AD721 REV. 0 –7– COLOR BURST NTSC: 5.30 µs PAL: 5.46 µs COMPOSITE SYNC PULSE NTSC: 2.51 µs PAL: 2.25 µs NTSC: 2.51 µs PAL: 2.25 µs NTSC: 2.79 µs PAL: 3.21 µs IF THE TRAILING EDGE OF A COMPOSITE SYNC PULSE IS WITHIN THIS WINDOW, THE PULSE IS TREATED AS A HORIZONTAL SYNC PULSE. IF THE TRAILING EDGE IS OUTSIDE THIS WINDOW, THE PULSE IS TREATED AS AN EQUALIZING OR BLANKING PULSE. APPLYING THE AD720/AD721 Figure 9 shows the application of the AD720 and Figure 10 shows the application of the AD721. Note that the AD720 and AD721 differ from other analog encoders because they are dc coupled. This means that, for example, the expected RGB inputs are 0 mV to 714 mV in NTSC and 0 mV to 700 mV in PAL. The luminance, chrominance, and composite outputs are also dc coupled. These outputs can drive a 75 Ω reverse- terminated load. Unused outputs should be terminated with 150 Ω resistors. The RGB data must be supplied to the AD720/AD721 at NTSC or PAL rates, interlaced format. Various VGA chip set vendors support this mode of operation. Most computers supply RGB outputs in noninterlaced format at higher data rates than NTSC and PAL, which means that “outboard” encoders must supply some form of timing conversion before the RGB data reaches the AD720/AD721. Note also that the AD720/AD721 does not have internal dc res- toration and does not accept sync on green. The composite sync input is a separate, CMOS logical-level input and must be syn- chronized with the 4FSC input, which serves as the master clock for the AD720/AD721. The AD720/AD721 does not implement two elements of the PAL and NTSC standards. In NTSC operation, it does not support the 7.5 IRE unit setup (1 IRE unit = 7.14 mV)—this must be added via software using the RGB inputs. Many RAM- DACs, such as the Analog Devices ADV471 and ADV478, offer a logic-selectable setup mode. In PAL operation, the AD720/ AD721 does not implement a 25 Hz subcarrier offset. Decoupling and Grounding Referring to the pin descriptions, the AD720/AD721 uses mul- tiple analog grounds, digital grounds, digital positive supply in- puts, analog positive supply inputs, and analog negative supply inputs in order to maximize isolation between analog and digital signal paths. The most sensitive input of the AD720/AD721 is the 4FSC pin: any noise on this pin directly affects the subcarrier and causes degradation of the picture. Digital and analog grounds should be kept separate and brought together at a single point. All power supply pins should be decoupled using 0.1 µF ceramic capacitors located as close to the AD720/AD721 as possible. In addition, ferrite beads may be slipped over the power supply leads to reduce high frequency noise. If a high speed RAM-DAC is used (e.g., capable of 80 MHz op- eration with subnanosecond rise times), care must be taken to properly terminate the input printed-circuit-board traces to the AD720/AD721. Otherwise, ringing on these traces may occur and cause degradation of the picture. APPLICATIONS HINTS In applying the AD720/AD721, problems may arise due to in- correct input signals. A few common situations follow. Fade to Black or White—Invalid Horizontal Sync Pulses Some systems produce sync pulses that are longer or shorter than the NTSC and PAL standards specify. The digital sync separator in the AD720/AD721 ignores horizontal sync pulses that are too long or too short. Figure 11 shows the timing win- dows for valid NTSC and PAL horizontal sync pulses. Figure 11. NTSC and PAL Timing for Valid Horizontal Sync Pulses When the horizontal sync pulses are too long or too short, a dc offset voltage (due to charge storage) increases on the output of the sampled data delay line’s auto-zero amplifier. Normally, this offset voltage is removed at the beginning of every line, as signi- fied by the horizontal sync pulse. Without the horizontal sync pulse, the dc offset on the auto-zero amplifier increases over time (usually about three to five minutes) until it overrides the luminance information. The end result is a slow fade to black or white. Color Flickering—Asynchronous Operation The AD720/AD721 requires that its 4FSC and composite sync signals be synchronized. In most systems, when the two signals are synchronized, the composite sync signal is generated using a 4FSC signal as the reference. After every four frames, the AD720/AD721 resets the phase quadrature generator. When the CSYNC and 4FSC are synchronized, this reset is transparent to the system because the reference phase does not change. When the CSYNC and 4FSC are not synchronized, the difference between the reference phase and its new value upon reset causes an instantaneous color shift, which appears as a flickering in the color. Adding NTSC Setup The easiest way to add the 7.5 IRE unit 1 setup is to use a ADV471/478 or ADV477/475 or ADV473 type RAM-DAC, which have a logic-selectable setup (called “pedestal” on some data sheets and “setup” on others). Color Fidelity A source impedance other than 37.5 Ω (75 Ω 75 Ω—a reverse-terminated 75 Ω input) can cause errors in the YUV encoding matrix, which is basically resistive and depends on the correct source impedance for accuracy. Figures 9 and 10 show the correct interface between a RAM-DAC and the AD720 and AD721 respectively, using 75 Ω reverse-terminated connections. NOTE 1IRE unit = 7.14 mV. OBSOLETE |
Podobny numer części - AD721_15 |
|
Podobny opis - AD721_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |