Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5429FCT520BTD Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części 5429FCT520BTD
Szczegółowy opis  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5429FCT520BTD Arkusz danych(HTML) 2 Page - Integrated Device Technology

  5429FCT520BTD Datasheet HTML 1Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 2Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 3Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 4Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 5Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 6Page - Integrated Device Technology 5429FCT520BTD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6.2
2
IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT
MULTILEVEL PIPELINE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
NOTE:
1. I = 3 for hold.
Figure 1. Data Loading in 2-Level Operation
DUAL 2-LEVEL
SINGLE 4-LEVEL
2619 drw 04
A1
A2
B1
B2
A1
A2
B1
B2
I = 2
I = 1
A1
A2
B1
B2
A1
A2
B1
B2
I = 2
I = 1
A1
A2
B1
B2
I = 0
A1
A2
B1
B2
I = 0
IDT29FCT520T
IDT29FCT521T
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
P24-1
D24-1
SO24-2
SO24-7
SO24-8*
&
E24-1
S 0
S 1
Y 0
Y 1
Y 2
Y 3
Y 4
Y 5
OE
I 0
I 1
D 0
D 1
D 2
D 3
D 4
D 5
D 6
D 7
CLK
Y 6
Y 7
*FCT520 only
DEFINITION OF FUNCTIONAL TERMS
Pin Names
Description
Dn
Register input Port.
CLK
Clock input. Enter data into registers on LOW-
to-HIGH transitions.
I0, I1
Instruction inputs. See Figure 1 and
in-
struction Control Tables.
S0, S1
Multiplexer select. Inputs either register A1, A2,
B1 or B2 data to be available at the output port.
OE
Output enable for 3-state output port.
Yn
Register output port.
2619 tbl 01
REGISTER SELECTION
S1
S0
Register
00
B2
01
B1
10
A2
11
A1
2619 tbl 02
2619 drw 03
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
INDEX
D1
D2
D3
D4
D5
D6
NC
NC
Y0
Y1
Y2
Y3
Y4
Y5
12 13 14 15 16 17 18
43
2
1
28 27 26
2619 drw 02
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
LCC
TOP VIEW


Podobny numer części - 5429FCT520BTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
5429FCT52ATD IDT-5429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATDB IDT-5429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATE IDT-5429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATEB IDT-5429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATL IDT-5429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Podobny opis - 5429FCT520BTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com