Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD1600N10ALZD Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDD1600N10ALZD
Szczegółowy opis  BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZD Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDD1600N10ALZD Datasheet HTML 1Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
FDD1600N10ALZD Rev. C2
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics of the MOSFET T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FDD1600N10ALZD
1600N10ALZD
TO-252 5L
Tape and Reel
13”
16 mm
2500 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
100
-
-
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25oC-
0.1
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
-
-
1
μA
VDS = 80 V, VGS = 0 V, TC = 125oC
-
-
500
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
-
-
±10
μA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250 μA1.4
2.1
2.8
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 3.4 A
-
124
160
m
Ω
VGS = 5 V, ID = 2.1 A
-
175
375
gFS
Forward Transconductance
VDS = 10 V, ID = 6.8 A
-
19.6
-
S
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1 MHz
-
169
225
pF
Coss
Output Capacitance
-
43
55
pF
Crss
Reverse Transfer Capacitance
-
2.04
-
pF
Coss(er)
Energy Related Output Capacitance
VDS = 50 V, VGS = 0 V
85
-
pF
Qg(tot)
Total Gate Charge at 10V
VGS = 10 V
VDD = 50 V,
ID = 6.8 A
(Note 4)
-2.78
3.61
nC
Qg(tot)
Total Gate Charge at 5V
VGS = 5 V
1.5
1.95
nC
Qgs
Gate to Source Gate Charge
-
0.72
-
nC
Qgd
Gate to Drain “Miller” Charge
-
0.56
-
nC
Vplateau
Gate Plateau Volatge
-
4.02
-
V
Qsync
Total Gate Charge Sync.
VDS = 0 V, ID = 3.4 A
-
2.5
-
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
-
5.2
-
nC
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 6.8 A,
VGS = 10 V, RG = 4.7 Ω
(Note 4)
-7
24
ns
tr
Turn-On Rise Time
-
2
14
ns
td(off)
Turn-Off Delay Time
-
13
36
ns
tf
Turn-Off Fall Time
-
2
14
ns
ESR
Equivalent Series Resistance (G-S)
f = 1 MHz
-
2.1
-
Ω
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
6.8
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
13.6
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 6.8 A
-
-
1.3
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 6.8 A, VDS = 50 V,
dIF/dt = 100 A/μs
-37
-
ns
Qrr
Reverse Recovery Charge
-
42
-
nC
Notes:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. L = 1 mH, IAS = 3.18 A, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 6.8 A, di/dt ≤ 200 A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.


Podobny numer części - FDD1600N10ALZD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
   Consumer Appliances
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
More results

Podobny opis - FDD1600N10ALZD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com