Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S82A Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD2S82A
Szczegółowy opis  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S82A Arkusz danych(HTML) 1 Page - Analog Devices

  AD2S82A_15 Datasheet HTML 1Page - Analog Devices AD2S82A_15 Datasheet HTML 2Page - Analog Devices AD2S82A_15 Datasheet HTML 3Page - Analog Devices AD2S82A_15 Datasheet HTML 4Page - Analog Devices AD2S82A_15 Datasheet HTML 5Page - Analog Devices AD2S82A_15 Datasheet HTML 6Page - Analog Devices AD2S82A_15 Datasheet HTML 7Page - Analog Devices AD2S82A_15 Datasheet HTML 8Page - Analog Devices AD2S82A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Variable Resolution, Monolithic
Resolver-to-Digital Converters
AD2S81A/AD2S82A
An analog signal proportional to velocity is also available and
can be used to replace a tachogenerator.
PRODUCT HIGHLIGHTS
Monolithic. A one-chip solution reduces the package size re-
quired and increases the reliability.
Resolution Set by User. Two control pins are used to select
the resolution of the AD2S82A to be 10, 12, 14 or 16 bits al-
lowing the user to use the AD2S82A with the optimum resolu-
tion for each application.
Ratiometric Tracking Conversion. Conversion technique
provides continuous output position data without conversion
delay and is insensitive to absolute signal levels. It also provides
good noise immunity and tolerance to harmonic distortion on
the reference and input signals.
Dynamic Performance Set by the User. By selecting exter-
nal resistor and capacitor values the user can determine band-
width, maximum tracking rate and velocity scaling of the
converter to match the system requirements. The external com-
ponents required are all low cost, preferred value resistors and
capacitors, and the component values are easy to select using
the simple instructions given.
Velocity Output. An analog signal proportional to velocity is
available and is linear to typically one percent. This can be used
in place of a velocity transducer in many applications to provide
loop stabilization in servo controls and velocity feedback data.
Low Power Consumption. Typically only 300 mW.
MODELS AVAILABLE
Information on the models available is given in the Ordering
Guide.
GENERAL DESCRIPTION
The AD2S82A is a monolithic 10-, 12-, 14- or 16-bit tracking
resolver-to-digital converter contained in a 44-lead J leaded
PLCC package. Two extra functions are provided in the new
surface mount package–COMPLEMENT and VCO output.
The AD2S81A is a monolithic 12-bit fixed resolution tracking
resolver-to-digital converter packaged in a 28-lead DIP.
The converters allow users to select their own dynamic performance
with external components. This allows the users great flexibility in
defining the converter that best suits their system requirements.
The AD2S82A allows users to select the resolution to be 10, 12,
14 or 16 bits and to track resolver signals rotating at up to 1040
revs per second (62,400 rpm) when set to 10-bit resolution.
The AD2S81A and AD2S82A convert resolver format input
signals into a parallel natural binary digital word using a ratio-
metric tracking conversion method. This ensures high-noise
immunity and tolerance of lead length when the converter is
remote from the resolver.
The output word is in a three-state digital logic form available in
two bytes on the 16 output data lines for the AD2S82A and on
eight output data lines for the AD2S81A. BYTE SELECT,
ENABLE and INHIBIT pins ensure easy data transfer to 8- and
16-bit data buses, and outputs are provided to allow for cycle or
pitch counting in external counters.
AD2S82A FUNCTIONAL BLOCK DIAGRAM
SIN I/P
SIGNAL
GND
COS I/P
ANALOG
GND
RIPPLE
CLK
+12V
–12V
COMP
DATA
LOAD
SEGMENT
SWITCHING
SC1
SC2
16 DATA BITS
BYTE
SELECT
BUSY DIR
AC ERROR
O/P
VCO I/P
AD2S82A
VCO O/P
16-BIT
UP/DOWN COUNTER
VCO DATA
TRANSFER
LOGIC
+5V
DIGITAL
GND
R-2R
DAC
INTEGRATOR
I/P
PHASE
SENSITIVE
DETECTOR
DEMOD
I/P
DEMOD
O/P
OUTPUT DATA LATCH
INTEGRATOR
O/P
A2
A1
A3
INHIBIT
ENABLE
FEATURES
Monolithic (BiMOS ll) Tracking R/D Converter
Ratiometric Conversion
Low Power Consumption: 300 mW Typ
Dynamic Performance Set by User
Velocity Output
ESD Class 2 Protection (2,000 V Min)
AD2S81A
28-Lead DIP Package
Low Cost
AD2S82A
44-Lead PLCC Package
10-, 12-, 14- and 16-Bit Resolution Set by User
High Max Tracking Rate 1040 RPS (10 Bits)
VCO Output (Inter LSB Output)
Data Complement Facility
Industrial Temperature Range
APPLICATIONS
DC Brushless and AC Motor Control
Process Control
Numerical Control of Machine Tools
Robotics
Axis Control
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Podobny numer części - AD2S82A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S82AHP AD-AD2S82AHP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82AHP AD-AD2S82AHP Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S82AJP AD-AD2S82AJP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S82AJP AD-AD2S82AJP Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

Podobny opis - AD2S82A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S82AJPZ AD-AD2S82AJPZ Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com