Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD538 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD538
Szczegółowy opis  Real-Time Analog Computational Unit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD538 Arkusz danych(HTML) 4 Page - Analog Devices

  AD538_15 Datasheet HTML 1Page - Analog Devices AD538_15 Datasheet HTML 2Page - Analog Devices AD538_15 Datasheet HTML 3Page - Analog Devices AD538_15 Datasheet HTML 4Page - Analog Devices AD538_15 Datasheet HTML 5Page - Analog Devices AD538_15 Datasheet HTML 6Page - Analog Devices AD538_15 Datasheet HTML 7Page - Analog Devices AD538_15 Datasheet HTML 8Page - Analog Devices AD538_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD538
Rev. E | Page 3 of 16
SPECIFICATIONS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/
Comments
AD538AD
AD538BD
AD538SD
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
MULTIPLIER DIVIDER
PERFORMANCE
Nominal Transfer
Function
10 V ≥ VX, VY, VZ ≥ 0
V
O = VY(VZ/VX)
m
V
O = VY(VZ/VX)
m
V
O = VY(VZ/VX)
m
400 µA ≥ IX, IY, IZ ≥ 0
V
O = 25 kΩ × IY(IZ/IX)
m
V
O = 25 kΩ × IY(IZ/IX)
m
V
O = 25 kΩ × IY(IZ/IX)
m
Total Error Terms
100 mV ≤ VX ≤ 10 V
±0.5
±1
±0.25
±0.5
±0.5
±1
% of Reading +
100:1 Input
Range1
100 mV ≤ VY ≤ 10 V
±200
±500
±100
±250
±200
±500
µV
100 mV ≤ VZ ≤ 10 V
VZ ≤ 10 VX, m = 1.0
TA = TMIN to TMAX
±1
±2
±0.5
±1
±1.25
±2.5
% of Reading +
±450
±750
±350
±500
±750
±1000
µV
Wide Dynamic
Range2
100 mV ≤ VX ≤ 10 V
±1
±2
±0.5
±1
±1
±2
% of Reading +
100 mV ≤ VY ≤ 10 V
±200
±500
±100
±250
±200
±500
µV
100 mV ≤ VZ ≤ 10 V
±100
±250
±750
±150
±200
±250
µV × (VY + VZ)/VX
VZ ≤ 10 VX, m = 1.0
TA = TMIN to TMAX
±1
±3
±1
±2
±2
±4
% of Reading +
±450
±750
±350
±500
±750
±1000
µV +
±450
±750
±350
±500
±750
±1000
µV × (VY +
VZ)/VX
Exponent (m)
Range
TA = TMIN to TMAX
0.2
5
0.2
5
0.2
5
OUTPUT
CHARACTERISTICS
Offset Voltage
VY = 0, VC =
−600 mV
±200
±500
±100
±250
±200
±500
µV
TA = TMIN to TMAX
±450
±750
±350
±500
±750
±1000
µV
Output Voltage
Swing
RL = 2 kΩ
−11
+11
−11
+11
−11
+11
V
Output Current
5
10
5
10
5
10
mA
FREQUENCY
RESPONSE
Slew Rate
1.4
1.4
1.4
V/µs
Small Signal
Bandwidth
100 mV ≤ 10 VY, VZ,
VX ≤ 10 V
400
400
400
kHz
VOLTAGE REFERENCE
Accuracy
VREF = 10 V or 2 V
±25
±50
±15
±25
±25
±50
mV
Additional Error
TA = TMIN or TMAX
±20
±30
±20
±30
±30
±50
mV
Output Current
VREF = 10 V to 2 V
1
2.5
1
2.5
1
2.5
mA
Power Supply
Rejection
+2 V = VREF
±4.5 V ≤ VS ≤ ±18 V
300
600
300
600
300
600
µV/V
+10 V = VREF
±13 V ≤ VS ≤ ±18 V
200
500
200
500
200
500
µV/V
POWER SUPPLY
Rated
RL = 2 kΩ
±15
±15
±15
V
Operating Range3
±4.5
±18
±4.5
±18
±4.5
±18
V
PSRR
±4.5 V<, VS < ±18 V
0.5
0.1
0.5
0.1
0.5
0.1
%/V
VX = VY = VZ = 1 V
VO = 1 V
Quiescent Current
4.5
7
4.5
7
4.5
7
mA


Podobny numer części - AD538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Podobny opis - AD538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538 Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com