Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD539 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD539
Szczegółowy opis  Wideband Dual-Channel Linear Multiplier/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD539 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD539_15 Datasheet HTML 2Page - Analog Devices AD539_15 Datasheet HTML 3Page - Analog Devices AD539_15 Datasheet HTML 4Page - Analog Devices AD539_15 Datasheet HTML 5Page - Analog Devices AD539_15 Datasheet HTML 6Page - Analog Devices AD539_15 Datasheet HTML 7Page - Analog Devices AD539_15 Datasheet HTML 8Page - Analog Devices AD539_15 Datasheet HTML 9Page - Analog Devices AD539_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD539
Rev. B | Page 5 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
4
VY1
5
+VS
6
NC
7
–VS
8
VY2
18
CHAN1 OUTPUT
17
BASE COMMON
16
NC
15
BASE COMMON
14
CHAN2 OUTPUT
19
20
1
2
3
13
12
11
10
9
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
AD539
TOP VIEW
(Not to Scale)
Figure 2. 20-Lead LLC Pin Configuration (E-20-1)
Table 2. 20-Lead LLC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect. Do not connect to this pin.
2
VX
Control Channel Input.
3
HF COMP
High Frequency Compensation.
4
VY1
Channel 1 Input.
5
+VS
Positive Supply Rail.
6
NC
No Connect. Do not connect to this pin.
7
–VS
Negative Supply Rail.
8
VY2
Channel 2 Input.
9
INPUT COMMON
Internal Common Connection for the Input Amplifier Circuitry.
10
OUTPUT COMMON
Internal Common Connection for the Output Amplifier Circuitry.
11
NC
No Connect.
12
W2
6 kΩ Feedback Resistor for Channel 2.
13
Z2
6 kΩ Feedback Resistor for Channel 2.
14
CHAN2 OUTPUT
Channel 2 Product of VX and VY2.
15
BASE COMMON
Increases Negative Output Compliance.
16
NC
No Connect. Do not connect to this pin.
17
BASE COMMON
Increases Negative Output Compliance.
18
CHAN1 OUTPUT
Channel 1 Product of VX and VY1.
19
Z1
6 kΩ Feedback Resistor for Channel 1.
20
W1
6 kΩ Feedback Resistor for Channel 1.


Podobny numer części - AD539_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5390BCP-3-REEL AD-AD5390BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Podobny opis - AD539_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
   MULTIPLIER-DIVIDER
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Marki Microwave
PD-0426 MARKIMICROWAVE-PD-0426 Datasheet
635Kb / 4P
   WIDEBAND WILKINSON POWER DIVIDER
PD-0440 MARKIMICROWAVE-PD-0440 Datasheet
461Kb / 3P
   WIDEBAND WILKINSON POWER DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com