Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS10P100 Arkusz danych(PDF) 1 Page - Bruckewell Technology LTD

Numer części SS10P100
Szczegółowy opis  High Current Density Surface Mount Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS10P100 Arkusz danych(HTML) 1 Page - Bruckewell Technology LTD

  SS10P100 Datasheet HTML 1Page - Bruckewell Technology LTD SS10P100 Datasheet HTML 2Page - Bruckewell Technology LTD SS10P100 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary SS10P100
High Current Density Surface Mount
Schottky Rectifier
Publication Order Number: [SS10P100]
© Bruckewell Technology Corporation Rev. A -2014
Description
The SS10P100 provides very low VF and excellent
reverse leakage stability at high temperatures in
TO-277A package. It is ideal for use as a rectifier,
freewheel diode or blocking diode
Features
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C max. 10 s, per JESD 22-A111
• RoHS compliant package
Application
‧ DC/DC Converters
‧ AC/DC Adaptors
Mechanical Data
• Case: Conform to JEDEC TO-277A
• Molding compound meets UL 94 V-0 flammability
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS10PU100
Unit
Maximum repetitive peak reverse voltage
VRRM
100
V
Working peak reverse voltage
VRWM
100
V
Maximum DC blocking voltage
VDC
100
V
Maximum average forward rectified current
IF(AV)
10
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
300
A


Podobny numer części - SS10P100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SS10P2CL VISHAY-SS10P2CL Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P2CL VISHAY-SS10P2CL Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 10-May-11
SS10P2CL VISHAY-SS10P2CL Datasheet
104Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifiers
01-Jan-2022
SS10P2CL VISHAY-SS10P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 10-May-11
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
Revision: 13-Jan-15
More results

Podobny opis - SS10P100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com