Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD586 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD586
Szczegółowy opis  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD586 Arkusz danych(HTML) 2 Page - Analog Devices

  AD586_15 Datasheet HTML 1Page - Analog Devices AD586_15 Datasheet HTML 2Page - Analog Devices AD586_15 Datasheet HTML 3Page - Analog Devices AD586_15 Datasheet HTML 4Page - Analog Devices AD586_15 Datasheet HTML 5Page - Analog Devices AD586_15 Datasheet HTML 6Page - Analog Devices AD586_15 Datasheet HTML 7Page - Analog Devices AD586_15 Datasheet HTML 8Page - Analog Devices AD586_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD586
Rev. G | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
AD586J, AD586K/AD586A, AD586L/AD586B ....................... 3
AD586M, AD586S, AD586T ....................................................... 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Theory of Operation ........................................................................ 7
Applying the AD586..................................................................... 7
Noise Performance and Reduction ............................................ 7
Turn-on Time................................................................................ 8
Dynamic Performance................................................................. 8
Load Regulation ............................................................................9
Temperature Performance............................................................9
Negative Reference Voltage from an AD586........................... 10
Using the AD586 with Converters ........................................... 10
5 V Reference with Multiplying CMOS DACs or ADCs ...... 11
Stacked Precision References for Multiple Voltages .............. 11
Precision Current Source .......................................................... 11
Precision High Current Supply ................................................ 11
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
3/05—Rev. F to Rev. G
Updated Format..................................................................Universal
Split Specifications Table into Table 1 and Table 2....................... 3
Changes to Table 1............................................................................ 3
Added Figure 2 and Figure 4........................................................... 6
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 14
1/04—Rev. E to Rev. F
Changes to ORDERING GUIDE ................................................... 3
7/03—Rev. D to Rev. E
Removed AD586J CHIPS ..................................................Universal
Updated ORDERING GUIDE........................................................ 3
Change to Figure 3 ........................................................................... 4
Updated Figure 12 ............................................................................ 7
Updated OUTLINE DIMENSIONS .............................................. 9
4/01—Rev. C to Rev. D
Changed Figure 10 to Table 1
(Maximum Output Change in mV)............................................... 6
11/95—Revision 0: Initial Version


Podobny numer części - AD586_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD586A AD-AD586A Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Podobny opis - AD586_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com