Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD684 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD684
Szczegółowy opis  Four-Channel Sample-and-Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD684 Arkusz danych(HTML) 1 Page - Analog Devices

  AD684_15 Datasheet HTML 1Page - Analog Devices AD684_15 Datasheet HTML 2Page - Analog Devices AD684_15 Datasheet HTML 3Page - Analog Devices AD684_15 Datasheet HTML 4Page - Analog Devices AD684_15 Datasheet HTML 5Page - Analog Devices AD684_15 Datasheet HTML 6Page - Analog Devices AD684_15 Datasheet HTML 7Page - Analog Devices AD684_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Four-Channel
Sample-and-Hold Amplifier
AD684
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Four Matched Sample-and-Hold Amplifiers
Independent Inputs, Outputs and Control Pins
500 ns Hold Mode Settling
1
s Maximum Acquisition Time to 0.01%
Low Droop Rate: 0.01
V/ s
Internal Hold Capacitors
75 ps Maximum Aperture Jitter
Low Power Dissipation: 430 mW
0.3" Skinny DIP Package
MIL-STD-883 Compliant Versions Available
PRODUCT HIGHLIGHTS
1. Fast acquisition time (1
µs) and low aperture jitter (75 ps)
make the AD684 the best choice for multiple channel data
acquisition systems.
2. Monolithic construction insures excellent interchannel
matching in terms of timing and accuracy, as well as high
reliability.
3. Independent inputs, outputs and sample-and-hold controls
allow user flexibility in system architecture.
4. Low droop (0.01
µV/µs) and internally compensated hold
mode error results in superior system accuracy.
5. The AD684’s fast settling time and low output impedance
make it ideal for driving high speed analog to digital
converters such as the AD578, AD674, AD7572 and the
AD7672.
6. The AD684 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD684/883B data sheet for detailed
specifications.
PRODUCT DESCRIPTION
The AD684 is a monolithic quad sample-and-hold amplifier
(SHA). It features four complete sampling channels, each
controlled by an independent hold command. Each SHA is
complete with an internal hold capacitor. The high accuracy
SHA channels are self-contained and require no external
components or adjustments. The AD684 is manufactured on a
BiMOS process which provides a merger of high performance
bipolar circuitry and low power CMOS logic.
The AD684 is ideal for high performance, multichannel data
acquisition systems. Each SHA channel can acquire a signal in
less than 1
µs and retain the held value with a droop rate of less
than 0.01
µV/µs. Excellent linearity and ac performance make
the AD684 an ideal front end for high speed 12- and 14-bit
ADCs.
The AD684 has a self-correcting architecture that minimizes
hold mode errors and insures accuracy over temperature. Each
channel of the AD684 is capable of sourcing 5 mA and
incorporates output short circuit protection.
The AD684 is specified for three temperature ranges. The J
grade device is specified for operation from 0 to +70
°C, the A
grade from –40
°C to +85°C and the S grade from –55°C to
+125
°C.


Podobny numer części - AD684_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD684AQ AD-AD684AQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684JQ AD-AD684JQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684SQ AD-AD684SQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
More results

Podobny opis - AD684_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com