Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD724 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD724
Szczegółowy opis  RGB to NTSC/PAL Encoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD724 Arkusz danych(HTML) 4 Page - Analog Devices

  AD724_15 Datasheet HTML 1Page - Analog Devices AD724_15 Datasheet HTML 2Page - Analog Devices AD724_15 Datasheet HTML 3Page - Analog Devices AD724_15 Datasheet HTML 4Page - Analog Devices AD724_15 Datasheet HTML 5Page - Analog Devices AD724_15 Datasheet HTML 6Page - Analog Devices AD724_15 Datasheet HTML 7Page - Analog Devices AD724_15 Datasheet HTML 8Page - Analog Devices AD724_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV. B
–4–
AD724
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
Equivalent Circuit
1
STND
A Logical HIGH input selects NTSC encoding.
Circuit A
A Logical LOW input selects PAL encoding.
CMOS/TTL Logic Levels.
2
AGND
Analog Ground Connection.
3
FIN
FSC clock or parallel-resonant crystal, or 4FSC clock input.
Circuit B
For NTSC: 3.579 545 MHz or 14.318 180 MHz.
For PAL: 4.433 619 MHz or 17.734 480 MHz.
CMOS/TTL Logic Levels for subcarrier clocks.
4
APOS
Analog Positive Supply (+5 V
± 5%).
5
ENCD
A Logical HIGH input enables the encode function.
Circuit A
A Logical LOW input powers down chip when not in use.
CMOS/TTL Logic Levels.
6
RIN
Red Component Video Input.
Circuit C
0 to 714 mV AC-Coupled.
7
GIN
Green Component Video Input.
Circuit C
0 to 714 mV AC-Coupled.
8
BIN
Blue Component Video Input.
Circuit C
0 to 714 mV AC-Coupled.
9
CRMA
Chrominance Output.*
Circuit D
Approximately 1.8 V peak-to-peak for both NTSC and PAL.
10
COMP
Composite Video Output.*
Circuit D
Approximately 2.5 V peak-to-peak for both NTSC and PAL.
11
LUMA
Luminance plus SYNC Output.*
Circuit D
Approximately 2 V peak-to-peak for both NTSC and PAL.
12
SELECT
A Logical LOW input selects the FSC operating mode.
Circuit A
A Logical HIGH input selects the 4FSC operating mode.
CMOS/TTL Logic Levels.
13
DGND
Digital Ground Connections.
14
DPOS
Digital Positive Supply (+5 V
± 5%).
15
VSYNC
Vertical Sync Signal (if using external CSYNC set at > +2 V). CMOS/TTL Logic Levels.
Circuit A
16
HSYNC
Horizontal Sync Signal (or CSYNC signal). CMOS/TTL Logic Levels.
Circuit A
*The Luminance, Chrominance and Composite Outputs are at twice normal levels for driving 75
Ω reverse-terminated lines.
5
1
12
15
16
DPOS
DGND
3
VBIAS
DPOS
DGND
7
VCLAMP
6
8
DPOS
DGND
10
9
11
APOS
AGND
DGND
DPOS
Circuit B
Circuit D
Equivalent Circuits
Circuit A
Circuit C


Podobny numer części - AD724_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD724-00 ETC2-AD724-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD724-00 RHOPOINT-AD724-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Analog Devices
AD724-EB AD-AD724-EB Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724-EB AD-AD724-EB Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD724_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com