Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD724 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD724
Szczegółowy opis  RGB to NTSC/PAL Encoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD724 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD724_15 Datasheet HTML 3Page - Analog Devices AD724_15 Datasheet HTML 4Page - Analog Devices AD724_15 Datasheet HTML 5Page - Analog Devices AD724_15 Datasheet HTML 6Page - Analog Devices AD724_15 Datasheet HTML 7Page - Analog Devices AD724_15 Datasheet HTML 8Page - Analog Devices AD724_15 Datasheet HTML 9Page - Analog Devices AD724_15 Datasheet HTML 10Page - Analog Devices AD724_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD724
REV. B
–7–
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.16
–0.49
–0.53
–0.52
–0.38
0.00
–0.44
–1.14
–1.01
–0.53
–0.01
DG DP (NTSC) (SYNC = EXT)
FIELD = 1 LINE = 27, 100 IRE RAMP
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.53
MAX = 0.00
p–p/MAX = 0.53
MIN = –1.14
MAX = 0.00
pk–pk = 1.14
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.5
0.0
–0.5
–1.0
–1.5
Figure 10. Composite Output
Differential Phase and Gain, NTSC
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.14
–0.32
–0.16
0.04
0.10
0.00
–1.01
–1.18
–0.44
0.42
0.70
DG DP (PAL) (SYNC = EXT)
LINE = 25, 700mV RAMP
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.32
MAX = 0.10
pk–pk = 0.42
MIN = –1.18
MAX = 0.70
pk–pk = 1.89
0.2
0.1
0.0
–0.2
–0.4
–0.5
0.3
–0.3
–0.1
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
Figure 11. Composite Output
Differential Phase and Gain, PAL
9.72 s
5.49 s
4.59 s
39.7 IRE
33.8 IRE
H TIMING MEASUREMENT RS–170A (NTSC)
FIELD = 1 LINE = 22
124ns
100ns
9.0
CYCLES
AVERAGE
256
Figure 12. Horizontal Timing, NTSC
5.59 s
AVERAGE
256
102ns
94ns
2.28 s
4.60 s
293.5mV
249.0mV
H TIMING (PAL)
LINE = 25
Figure 13. Horizontal Timing, PAL


Podobny numer części - AD724_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD724-00 ETC2-AD724-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD724-00 RHOPOINT-AD724-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Analog Devices
AD724-EB AD-AD724-EB Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724-EB AD-AD724-EB Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD724_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com