Zakładka z wyszukiwarką danych komponentów |
|
AD724 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD724 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 15 page REV. B –8– AD724 THEORY OF OPERATION The AD724 was designed to have three allowable modes of applying a clock via the FIN pin. These are FSC (frequency of subcarrier) mode with CMOS clock applied, FSC mode using on-chip crystal oscillator, and 4FSC mode with CMOS clock applied. The FSC frequency is 3.579545 MHz for NTSC or 4.433618 MHz for PAL. To use FSC mode the SELECT pin is pulled low and either a CMOS FSC clock is applied to FIN, or a parallel-resonant crystal and appropriate tuning capacitor is placed between the FIN pin and AGND to utilize the on-chip oscillator. The on- chip Phase Locked Loop (PLL) is used in these modes to gener- ate an internal 4FSC clock that is divided to perform the digital timing as well as create the quadrature subcarrier signals for the chrominance modulation. In 4FSC mode, the SELECT pin is pulled high and the PLL is bypassed. Referring to the AD724 block diagram (Figure 14), the RGB inputs (each 714 mV p-p max) are dc clamped using external coupling capacitors. These clamps allow the user to have a black level that is not at 0 V. The clamps will adjust to an on-chip black input signal level of approximately 0.8 V. This clamping occurs on the back porch during the burst period. The RGB inputs then pass into an analog encoding matrix, which creates the luminance (“Y”) signal and the chrominance color difference (“U” and “V”) signals. The RGB to YUV en- coding is performed using the following standard transformations: Y = 0.299 × R + 0.587 × G + 0.114 × B U = 0.493 × (B–Y) V = 0.877 × (R–Y) After the encoding matrix, the AD724 has two parallel analog paths. The Y (luminance) signal is first passed through a 3-pole 4.85 MHz/6 MHz (NTSC/PAL) Bessel low-pass filter to pre- vent aliasing in the sampled-data delay line. In this first low-pass filter, the unclocked sync is injected into the Y signal. The Y signal then passes through the sampled-data delay line, which is clocked at 8FSC. The delay line was designed to match the overall chrominance and luminance delays. Following the sampled-data delay line is a 5.25 MHz/6.5 MHz (NTSC/PAL) 2-pole low-pass Bessel filter to smooth the reconstructed lumi- nance signal. The second analog path is the chrominance path in which the U and V color difference signals are processed. The U and V sig- nals first pass through 4-pole modified Bessel low-pass filters with –3 dB frequencies of 1.2 MHz/1.5 MHz (NTSC/PAL) to prevent aliasing in the modulators. The color burst levels are injected into the U channel for NTSC (U and V for PAL) in these premodulation filters. The U and V signals are then inde- pendently modulated by a pair of balanced switching modula- tors driven in quadrature by the color subcarrier. The bandwidths of the on-chip filters are tuned using propri- etary auto-tuning circuitry. The basic principle is to match an RC time constant to a reference time period, that time being one cycle of a subcarrier clock. The auto-tuning is performed during the vertical blanking interval and has added hysteresis so that once an acceptable tuning value is reached the part won’t toggle tuning values from field to field. The bandwidths stated in the above discussion are the design target bandwidths for NTSC and PAL. The AD724’s 4FSC clock (either produced by the on-chip PLL or user supplied) drives a digital divide-by-four circuit to create the quadrature signals for modulation. The reference phase 0 ° is used for the U signal. In the NTSC mode, the V signal is modu- lated at 90 °, but in PAL mode, the V modulation alternates between 90 ° and 270° at the horizontal line rate as required by the PAL standard. The outputs of the U and V balanced modu- lators are summed and passed through a 3-pole low-pass filter with 3.6 MHz/4.4 MHz bandwidths (NTSC/PAL) in order to re- move the harmonics generated during the switching modulation. PHASE DETECTOR LOOP FILTER 4FSC 4FSC FSC SUB- CARRIER NTSC/PAL HSYNC VSYNC BURST NTSC/PAL FSC 90 FSC 0 4FSC SC 90 /270 FSC CSYNC CSYNC DC CLAMP RED GREEN BLUE RGB-TO-YUV ENCODING MATRIX CSYNC Y U V 4-POLE LPF 4-POLE LPF BALANCED MODULATORS 4-POLE LPF NTSC/PAL SAMPLED- DATA DELAY LINE X2 X2 X2 LUMINANCE OUTPUT COMPOSITE OUTPUT CHROMINANCE OUTPUT U CLAMP CLOCK AT 8FSC 4FSC VCO CHARGE PUMP XOSC XNOR SYNC SEPARATOR QUADRATURE +4 DECODER DC CLAMP DC CLAMP BURST V CLAMP ±180 (PAL ONLY) 2-POLE LP POST- FILTER 3-POLE LP PRE- FILTER POWER AND GROUNDS +5V +5V AGND DGND LOGIC ANALOG ANALOG LOGIC NOTE: THE LUMINANCE, COMPOSITE, AND CHROMINANCE OUTPUTS ARE AT TWICE NORMAL LEVELS FOR DRIVING 75 REVERSE-TERMINATED LINES. Figure 14. Functional Block Diagram |
Podobny numer części - AD724_15 |
|
Podobny opis - AD724_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |