Zakładka z wyszukiwarką danych komponentów |
|
AD724 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD724 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 15 page AD724 REV. B –3– ORDERING GUIDE Temperature Package Package Model Range Description Option AD724JR 0 °C to +70°C 16-Lead SOIC R-16 AD724JR-REEL 0 °C to +70°C 16-Lead SOIC R-16 AD724JR-REEL7 0 °C to +70°C 16-Lead SOIC R-16 AD724-EB Evaluation Board ABSOLUTE MAXIMUM RATINGS* Supply Voltage, APOS to AGND . . . . . . . . . . . . . . . . . . +6 V Supply Voltage, DPOS to DGND . . . . . . . . . . . . . . . . . . +6 V AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V Inputs . . . . . . . . . . . . . . . . . DGND – 0.3 V to DPOS + 0.3 V Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 800 mW Operating Temperature Range . . . . . . . . . . . . . 0 °C to +70°C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +125°C Lead Temperature Range (Soldering 30 sec) . . . . . . . . +230 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Characteristics: 16-Lead SOIC Package: θ JA = 100°C/W. PIN CONFIGURATION 16-Lead Wide Body (SOIC) (R-16) TOP VIEW (Not to Scale) 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 STND AGND FIN APOS ENCD RIN GIN BIN HSYNC VSYNC DPOS DGND SELECT LUMA COMP CRMA AD724 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD724 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
Podobny numer części - AD724_15 |
|
Podobny opis - AD724_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |