Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD871 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD871
Szczegółowy opis  Complete 12-Bit 5 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD871 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD871_15 Datasheet HTML 4Page - Analog Devices AD871_15 Datasheet HTML 5Page - Analog Devices AD871_15 Datasheet HTML 6Page - Analog Devices AD871_15 Datasheet HTML 7Page - Analog Devices AD871_15 Datasheet HTML 8Page - Analog Devices AD871_15 Datasheet HTML 9Page - Analog Devices AD871_15 Datasheet HTML 10Page - Analog Devices AD871_15 Datasheet HTML 11Page - Analog Devices AD871_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD871–Dynamic Characteristics–Sample Rate: 5 MSPS
REV. A
–8–
9
2
8
3
6
fIN = 750kHz
fIN Amplitude = –0.5dB
THD = –72dB
S/(N+D) = 68dB
SFDR = 73dB
5
2
4
HARMONICS – dB
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
–81
–73
–94
–85
–90
–99
–90
–103
1
Figure 6. AD871 Typical FFT, fIN = 750 kHz
HARMONICS – dB
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
–87
–63
–95
–83
–88
–91
–88
–95
f
IN = 2MHz
f
IN AMPLITUDE = –0.5dB
THD = –63dB
S/(N+D) = 61dB
SFDR = 63dB
9
2
3
6
1
7
8
5
Figure 7. AD871 Typical FFT, fIN = 2 MHz
CODE X
CODE X + 1
100
0
30
10
20
60
40
50
70
80
90
= 0.166 LSB RMS
Figure 9. AD871 Code Probability at a Transition
0
–1
1
1500000
1000000
500000
0
1635819
1094
1487
DEVIATION FROM CORRECT CODE (LSB)
Figure 8. AD871 Output Code Histogram for DC Input


Podobny numer części - AD871_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD871JD AD-AD871JD Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD871JE AD-AD871JE Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD871SD AD-AD871SD Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
logo
List of Unclassifed Man...
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD871SD883B ETC2-AD871SD883B Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
More results

Podobny opis - AD871_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD871 AD-AD871 Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com