Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1003A450 Arkusz danych(PDF) 5 Page - Littelfuse

Numer części SL1003A450
Szczegółowy opis  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A450 Arkusz danych(HTML) 5 Page - Littelfuse

  SL1003A450 Datasheet HTML 1Page - Littelfuse SL1003A450 Datasheet HTML 2Page - Littelfuse SL1003A450 Datasheet HTML 3Page - Littelfuse SL1003A450 Datasheet HTML 4Page - Littelfuse SL1003A450 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
44
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1003A Series
SL1003A Series
Packaging
'SM' Type Surface Mount Items: Packaged tape and reel carrier, 700 pcs/reel (specifications below)
'C' Type Core Items: Package bulk pack in polybag, 500 pcs/bag
'R' and ‘RF’ Type Radial Lead Items: Packed in tray, 100 pcs/tray
3 [0.118]
7.4 ± 0.1
[0.291 ± 0.0039]
0.4 ± 0.05
[0.016 ± 0.0020]
R0.3 typical
[0.012]
10x4 ± 0.1 = 40 ± 0.2
[10x0.157 ± 0.004 = 1.575 ± 0.008]
Ø1.5 +0.1
[0.059 +0.0039]
Ø1.5 +0.1
[0.059 +0.0039]
Ø4 ± 0.1
[0.157 ± 0.0039]
Ø2 ± 0.1
[0.079 ± 0.0039]
12 ± 0.1
[0.472 ± 0.0039]
3
[0.118]
6.1 ± 0.1
[0.240 ± 0.0039]
9
[0.354]
SMD-tape according to IEC 60286-3
Dimensions are in millimeters [and inches]
Dimensions are in millimeters [and inches]
Direction of Feed
17.7
[0.697]
275.0
[10.83]
100.0
[3.94]
25.0
[0.98]
76.0
[2.99]
Part Numbering System and Ordering Information
C
= Core type (Packed in polybag, 500pcs/bag)
R
= Radial Lead without Failsafe (Packed in tray, 100pcs/tray)
RF = Radial Lead with Failsafe (Packed in tray, 100pcs/tray)
SM = Surface Mount (Packed in carrier and tape, 700pcs/reel)
Voltage
Type 3 Pole Arrestor
Pin Configuration
SL1003 A XXX XX


Podobny numer części - SL1003A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Podobny opis - SL1003A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com