Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2994 Arkusz danych(PDF) 7 Page - Semtech Corporation

Numer części GS2994
Szczegółowy opis  GS2994 Adaptive Cable Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2994 Arkusz danych(HTML) 7 Page - Semtech Corporation

Back Button GS2994 Datasheet HTML 3Page - Semtech Corporation GS2994 Datasheet HTML 4Page - Semtech Corporation GS2994 Datasheet HTML 5Page - Semtech Corporation GS2994 Datasheet HTML 6Page - Semtech Corporation GS2994 Datasheet HTML 7Page - Semtech Corporation GS2994 Datasheet HTML 8Page - Semtech Corporation GS2994 Datasheet HTML 9Page - Semtech Corporation GS2994 Datasheet HTML 10Page - Semtech Corporation GS2994 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GS2994 GS2994 Adaptive Cable Equalizer
Data Sheet
53967 - 4
August 2012
7 of 20
2.3 AC Electrical Characteristics
Supply Current - Core
Is
TA = 25°C
48.7
mA
2, 3
Supply Current - Output
Driver
IOutput
Driver
TA = 25°C,
ΔVSDO = 800mV
17.3
mA
2
TA = 25°C,
ΔVSDO = 400mV
–9.3
mA
2
Input Common Mode Voltage
VCMIN
TA = 25°C
1.8
V
SQ_ADJ DC Voltage (to mute
signal)
–0m, TA = 25°C
3.2
V
SQ_ADJ Range
TA = 25°C
0.9
V
CD Output Voltage
VCD(OH)
Carrier not
present
2.0
V
VCD(OL)
Carrier present
0.4
V
Sleep, GAIN_SEL, BYPASS,
Input High Level Voltage
VIH
–1.7
V
4
Sleep, GAIN_SEL, BYPASS,
Input Low Level Voltage
VIL
––
0.7
V
4
NOTES:
1. VCC_O operates from 1.2V through 3.3V (+/-5%).
2. De-emphasis off.
3. An additional 3mA when de-emphasis is enabled.
4. Digital pins are 2.5V, but 3.3V tolerant.
Table 2-1: DC Electrical Characteristics (Continued)
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-2: AC Electrical Characteristics
VCC_A = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
143
2970
Mb/s
Input Voltage Swing
ΔVSDI
TA =25°C, differential,
270Mb/s and 1.485Gb/s
720
800
950
mVp-p
1
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
1
Output Voltage Swing
ΔVSDO
100
Ω load, TA =25°C,
differential, OP_CTL set
for high swing
800
mVp-p
100
Ω load, TA =25°C,
differential, OP_CTL set
for low swing
400
mVp-p


Podobny numer części - GS2994

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
   Automatic power-down on loss of signal
More results

Podobny opis - GS2994

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com