Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1838 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD1838
Szczegółowy opis  2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1838 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD1838_15 Datasheet HTML 3Page - Analog Devices AD1838_15 Datasheet HTML 4Page - Analog Devices AD1838_15 Datasheet HTML 5Page - Analog Devices AD1838_15 Datasheet HTML 6Page - Analog Devices AD1838_15 Datasheet HTML 7Page - Analog Devices AD1838_15 Datasheet HTML 8Page - Analog Devices AD1838_15 Datasheet HTML 9Page - Analog Devices AD1838_15 Datasheet HTML 10Page - Analog Devices AD1838_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. A
AD1838
–7–
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
AVDD
OUTLP2
OUTLN2
OUTRP1
OUTRN1
OUTLP1
OUTLN1
PD/RST
CIN
CLATCH
DVDD
52
51
50
49
48
47
46
45
44
43
42
41
40
AGND
DAUXDATA
AGND
AD1838
TOP VIEW
(Not to Scale
)
OUTRN3
OUTRP3
NC
NC
NC
AGND
AGND
DLRCLK
DBCLK
27
28
29
30
31
32
33
34
35
36
37
38
39
M/S
DVDD
AVDD
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN FUNCTION DESCRIPTIONS
Input/
Pin No.
Mnemonic
Output
Description
1, 39
DVDD
Digital Power Supply. Connect to digital 5 V supply.
2CLATCH
I
Latch Input for Control Data.
3
CIN
I
Serial Control Input.
4
PD/RST
I
Power-Down/Reset.
5, 10, 16, 24, 30, 34
AGND
Analog Ground.
6, 12, 25
OUTLNx
O
DACx Left Channel Negative Output.
7, 13, 26
OUTLPx
O
DACx Left Channel Positive Output.
8, 14, 27
OUTRNx
O
DACx Right Channel Negative Output.
9, 15, 28
OUTRPx
O
DACx Right Channel Positive Output.
11, 19, 29
AVDD
Analog Power Supply. Connect to analog 5 V supply.
17
FILTD
Filter Capacitor Connection. Recommended 10
µF/100 nF.
18
FILTR
Reference Filter Capacitor Connection. Recommended 10
µF/100 nF.
20
ADCLN
I
ADC Left Channel Negative Input.
21
ADCLP
I
ADC Left Channel Positive Input.
22
ADCRN
I
ADC Right Channel Negative Input.
23
ADCRP
I
ADC Right Channel Positive Input.
31–33
NC
Not Connected.
35
M/S
I
ADC
Master/Slave Select.
36
DAUXDATA
I
Auxiliary DAC Input Data.
37
DLRCLK
I/O
DAC LR Clock.
38
DBCLK
I/O
DAC Bit Clock.
40, 52
DGND
Digital Ground.
41–43
DSDATAx
I
DACx Input Data (Left and Right Channels).
44
AAUXDATA3
I
Auxiliary ADC3 Digital Input.
45
ABCLK
I/O
ADC Bit Clock.
46
ALRCLK
I/O
ADC LR Clock.
47
MCLK
I
Master Clock Input.
48
ODVDD
Digital Output Driver Power Supply.
49
ASDATA
O
ADC Serial Data Output.
50
COUT
O
Output for Control Data.
51
CCLK
I
Control Clock Input for Control Data.


Podobny numer części - AD1838_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838A AD-AD1838A Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838AAS AD-AD1838AAS Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AAS-REEL AD-AD1838AAS-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ AD-AD1838AASZ Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results

Podobny opis - AD1838_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A Datasheet
674Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com