Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1838A Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD1838A
Szczegółowy opis  2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1838A Arkusz danych(HTML) 1 Page - Analog Devices

  AD1838A_15 Datasheet HTML 1Page - Analog Devices AD1838A_15 Datasheet HTML 2Page - Analog Devices AD1838A_15 Datasheet HTML 3Page - Analog Devices AD1838A_15 Datasheet HTML 4Page - Analog Devices AD1838A_15 Datasheet HTML 5Page - Analog Devices AD1838A_15 Datasheet HTML 6Page - Analog Devices AD1838A_15 Datasheet HTML 7Page - Analog Devices AD1838A_15 Datasheet HTML 8Page - Analog Devices AD1838A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
a
AD1838A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
2 ADC, 6 DAC,
96 kHz, 24-Bit - Codec
FEATURES
5 V Stereo Audio System with 3.3 V Tolerant
Digital Interface
Supports up to 96 kHz Sample Rates
192 kHz Sample Rate Available on 1 DAC
Supports 16-, 20-, 24-Bit Word Lengths
Multibit
-
Modulators with
Perfect Differential Linearity Restoration for
Reduced Idle Tones and Noise Floor
Data Directed Scrambling DACs—Least
Sensitive to Jitter
Differential Output for Optimum Performance
ADCs: –95 dB THD + N, 105 dB SNR and
Dynamic Range
DACs: –95 dB THD + N, 108 dB SNR and
Dynamic Range
On-Chip Volume Controls per Channel with
1024 Step Linear Scale
DAC and ADC Software Controllable Clickless Mutes
Digital De-emphasis Processing
Supports 256
fS, 512
fS, and 768
fS Master
Mode Clocks
Power-Down Mode Plus Soft Power-Down Mode
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S Compatible, and DSP Serial Port Modes
TDM Interface Mode Supports 8 In/8 Out Using a
Single SHARC® SPORT
52-Lead MQFP Plastic Package
APPLICATIONS
DVD Video and Audio Players
Home Theater Systems
Automotive Audio Systems
Audio/Visual Receivers
Digital Audio Effects Processors
FUNCTIONAL BLOCK DIAGRAM
ADCLP
ADCLN
ADCRP
ADCRN
DLRCLK
DBCLK
DSDATA1
DSDATA2
DSDATA3
DAUXDATA
AAUXDATA3
OUTLP1
OUTLN1
CONTROL PORT
CLOCK
FILTD
FILTR
MCLK
ASDATA
ABCLK
ALRCLK
ODVDD
DVDD
AVDD
AVDD
DVDD
AGND AGND
AGND
AGND
DGND
DGND
CIN
CLATCH
CCLK
COUT
DIGITAL
FILTER
PD/RST M/S
−∆
ADC
VOLUME
SERIAL DATA
I/O PORT
DIGITAL
FILTER
-
DAC
VREF
OUTRP1
OUTRN1
VOLUME
OUTLP2
OUTLN2
VOLUME
DIGITAL
FILTER
-
DAC
OUTRP2
OUTRN2
VOLUME
OUTLP3
OUTLN3
VOLUME
DIGITAL
FILTER
-
DAC
OUTRP3
OUTRN3
VOLUME
DIGITAL
FILTER
−∆
ADC
AD1838A
GENERAL DESCRIPTION
The AD1838A is a high performance single-chip codec featuring
three stereo DACs and one stereo ADC. Each DAC comprises a
high performance digital interpolation filter, a multibit
-
modulator featuring Analog Devices’ patented technology,
and a continuous-time voltage out analog section. Each DAC
has independent volume control and clickless mute functions.
The ADC comprises two 24-bit conversion channels with
multibit
-
modulators and decimation filters.
The AD1838A also contains an on-chip reference with a nomi-
nal value of 2.25 V.
The AD1838A contains a flexible serial interface that allows
glueless connection to a variety of DSP chips, AES/EBU
receivers, and sample rate converters. The AD1838A can be
configured in left-justified, right-justified, I
2S, or DSP com-
patible serial modes. Control of the AD1838A is achieved by
means of an SPI
® compatible serial port. While the AD1838A
can be operated from a single 5 V supply, it also features a sepa-
rate supply pin for its digital interface that allows the device to
be interfaced to other devices using 3.3 V power supplies.
The AD1838A is available in a 52-lead MQFP package and is
specified for the industrial temperature range of –40ºC to +85ºC.


Podobny numer części - AD1838A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1838AAS AD-AD1838AAS Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AAS-REEL AD-AD1838AAS-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ AD-AD1838AASZ Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ-REEL AD-AD1838AASZ-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AS AD-AD1838AS Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
More results

Podobny opis - AD1838A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A Datasheet
674Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com