Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1843 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1843
Szczegółowy opis  Serial-Port 16-Bit SoundComm Codec
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1843 Arkusz danych(HTML) 5 Page - Analog Devices

  AD1843_15 Datasheet HTML 1Page - Analog Devices AD1843_15 Datasheet HTML 2Page - Analog Devices AD1843_15 Datasheet HTML 3Page - Analog Devices AD1843_15 Datasheet HTML 4Page - Analog Devices AD1843_15 Datasheet HTML 5Page - Analog Devices AD1843_15 Datasheet HTML 6Page - Analog Devices AD1843_15 Datasheet HTML 7Page - Analog Devices AD1843_15 Datasheet HTML 8Page - Analog Devices AD1843_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
AD1843
REV. 0
–5–
Figure 1. Timing Diagrams
ANALOG OUTPUT
Min
Typ
Max
Units
LOUT1 Full-Scale Output Voltage
0.707
V rms
(RMS Values Assume Sine Wave Input)
1.8
2.0
2.2
V p-p
LOUT2 Full-Scale Single-Ended Output Voltage
0.707
V rms
(RMS Values Assume Sine Wave Input)
1.8
2.0
2.2
V p-p
LOUT2 Full-Scale Differential Output Voltage
1.414
V rms
(RMS Values Assume Sine Wave Input)
3.6
4.0
4.4
V p-p
LOUT1 Output Impedance*
600
LOUT2 Output Impedance*
1
LOUT1 External Load Impedance*
10
k
LOUT2 External Load Impedance*
2
k
MOUT External Load Impedance*
10
k
HPOUT External Load Impedance*
16
32
HPOUT THD+N (Referenced to Full Scale, 32
Ω External Load Impedance)
0.10
%
–60
dB
Output Capacitance*
15
pF
External Load Capacitance*
100
pF
CMOUT
2.10
2.25
2.40
V
External CMOUT Load Current*
10
µA
CMOUT Output Impedance*
4
k
Mute Click* (Muted Output Minus Unmuted Midscale DAC1 and DAC2 Outputs)
±5mV
SYSTEM SPECIFICATIONS
Max
Units
System Frequency Response Ripple* (Line-In to Line-Out)
1.0
dB
Differential Nonlinearity*
±1
Bit
Phase Linearity Deviation*
5
Degrees
STATIC DIGITAL SPECIFICATIONS
Min
Max
Units
High-Level Input Voltage (VIH)
Digital Inputs, Except SCLK
2.0
VDD+ 0.3
V
XTALI and SCLK
2.4
VDD+ 0.3
V
Low-Level Input Voltage (VIL)
–0.3
0.8
V
High-Level Output Voltage (VOH)
2.4
V
Low-Level Output Voltage (VOL)
0.4
V
Input Leakage Current (GO/NOGO Tested)
–10
10
µA
Output Leakage Current (GO/NOGO Tested)
–10
10
µA
TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE AND DIGITAL SUPPLY RANGE)
Min
Typ
Max
Units
Serial Data Frame Sync [SDFS] Period (t1)
(Master Mode, FRS = 1 [16 Slots per Frame], SCF = 0 [SCLK = 12.288 MHz])
20.833
µs
Frame Sync [SDFS] HI Pulse Width (t2)80
ns
Clock [SCLK] to Frame Sync [SDFS] Propagation Delay (tPD1)15
ns
Data [SDI] Input Setup Time to SCLK (tS)10
ns
Data [SDI] Input Hold Time from SCLK (tH)10
ns
Clock [SCLK] to Output Data [SDO] Valid (tDV)15
ns
Clock [SCLK] to Output Data [SDO] Three-State [High-Z] (tHZ)15
ns
Clock [SCLK] to Time Slot Output [TSO] Propagation Delay (tPD2)15
ns
RESET
and PWRDWN LO Pulse Width (tRPWL)
100
ns
t2
BIT 0
BIT 14
BIT 15
BIT 15
BIT 14
BIT 0
tPD1
SCLK
SDFS
SDI
SDO
tS
tH
tDV
tHZ
RESET
PWRDWN
tRPWL
15 14 13
3 2 1 0 15 14 13
tPD2
tPD1
SCLK
SDFS
SDI OR SDO
TSO
LAST
VALID
TIME SLOT
t1
15 1413


Podobny numer części - AD1843_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1843JS AD-AD1843JS Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843JST AD-AD1843JST Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results

Podobny opis - AD1843_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com