Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1887 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD1887
Szczegółowy opis  AC 97 SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1887 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD1887_15 Datasheet HTML 7Page - Analog Devices AD1887_15 Datasheet HTML 8Page - Analog Devices AD1887_15 Datasheet HTML 9Page - Analog Devices AD1887_15 Datasheet HTML 10Page - Analog Devices AD1887_15 Datasheet HTML 11Page - Analog Devices AD1887_15 Datasheet HTML 12Page - Analog Devices AD1887_15 Datasheet HTML 13Page - Analog Devices AD1887_15 Datasheet HTML 14Page - Analog Devices AD1887_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD1887
–11–
PCM Out Volume (Index 18h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
8
1h
8
1 h
8
1 h
8
1h
8
1
t
u
O
M
C
Pt
u
O
M
C
P
t
u
O
M
C
P
t
u
O
M
C
Pt
u
O
M
C
P
e
m
u
l
o
Ve
m
u
l
o
V
e
m
u
l
o
V
e
m
u
l
o
Ve
m
u
l
o
V
M
OM
OM
OM
OM
OX
X
X
X
XX
X
X
X
X4
V
O
L4
V
O
L
4
V
O
L
4
V
O
L4
V
O
L3
V
O
L3
V
O
L
3
V
O
L
3
V
O
L3
V
O
L2
V
O
L2
V
O
L
2
V
O
L
2
V
O
L2
V
O
L1
V
O
L1
V
O
L
1
V
O
L
1
V
O
L1
V
O
L0
V
O
L0
V
O
L
0
V
O
L
0
V
O
L0
V
O
LX
X
X
X
XX
X
X
X
XX
X
X
X
X4
V
O
R4
V
O
R
4
V
O
R
4
V
O
R4
V
O
R3
V
O
R3
V
O
R
3
V
O
R
3
V
O
R3
V
O
R2
V
O
R2
V
O
R
2
V
O
R
2
V
O
R2
V
O
R1
V
O
R1
V
O
R
1
V
O
R
1
V
O
R1
V
O
R0
V
O
R0
V
O
R
0
V
O
R
0
V
O
R0
V
O
Rh
8
0
8
8h
8
0
8
8
h
8
0
8
8
h
8
0
8
8h
8
0
8
8
ROV[4:0]
Right PCM Out Volume. Allows setting the PCM right channel attenuator in 32 steps. The LSB represents 1.5 dB,
and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LOV[4:0]
Left PCM Out Volume. Allows setting the PCM left channel attenuator in 32 steps. The LSB represents 1.5 dB,
and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM Out Volume Mute. When this bit is set to “1,” the channel is muted.
Volume Table (Index 0Ch to 18h)
Mute
x4 . . . x0
Function
0
00000
+12 dB Gain
0
01000
0 dB Gain
0
11111
–34.5 dB Gain
1
xxxxx
∞ dB Gain
Record Select Control Register (Index 1Ah)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
A
1h
A
1 h
A
1 h
A
1h
A
1t
c
e
l
e
S
d
r
o
c
e
Rt
c
e
l
e
S
d
r
o
c
e
R
t
c
e
l
e
S
d
r
o
c
e
R
t
c
e
l
e
S
d
r
o
c
e
Rt
c
e
l
e
S
d
r
o
c
e
RX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X2
S
L2
S
L 2
S
L 2
S
L2
S
L1
S
L1
S
L 1
S
L 1
S
L1
S
L0
S
L0
S
L 0
S
L 0
S
L0
S
LX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X2
S
R2
S
R 2
S
R 2
S
R2
S
R1
S
R1
S
R 1
S
R 1
S
R1
S
R0
S
R0
S
R 0
S
R 0
S
R0
S
Rh
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
RS[2:0]
Right Record Select
LS[2:0]
Left Record Select
Used to select the record source independently for right and left. See table for legend.
The default value is 0000h, which corresponds to Mic in.
Record Gain (Index 1Ch)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
C
1h
C
1
h
C
1
h
C
1h
C
1n
i
a
G
d
r
o
c
e
Rn
i
a
G
d
r
o
c
e
R
n
i
a
G
d
r
o
c
e
R
n
i
a
G
d
r
o
c
e
Rn
i
a
G
d
r
o
c
e
RM
IM
IM
IM
IM
IX
X
X
X
XX
X
X
X
XX
X
X
X
X3
M
I
L3
M
I
L
3
M
I
L
3
M
I
L3
M
I
L2
M
I
L2
M
I
L
2
M
I
L
2
M
I
L2
M
I
L1
M
I
L1
M
I
L
1
M
I
L
1
M
I
L1
M
I
L0
M
I
L0
M
I
L
0
M
I
L
0
M
I
L0
M
I
LX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X3
M
I
R3
M
I
R
3
M
I
R
3
M
I
R3
M
I
R2
M
I
R2
M
I
R
2
M
I
R
2
M
I
R2
M
I
R1
M
I
R1
M
I
R
1
M
I
R
1
M
I
R1
M
I
R0
M
I
R0
M
I
R
0
M
I
R
0
M
I
R0
M
I
Rh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
RIM[3:0]
Right Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB and the range is 0 dB to 22.5 dB.
LIM[3:0]
Left Input Mixer Gain Control. Each LSB represents 1.5 dB, 0000 = 0 dB and the range is 0 dB to 22.5 dB.
IM
Input Mute
0 = Unmuted
1 = Muted or –
∞ dB Gain
IM
xIM3 . . . xIM0
Function
0
1111
22.5 dB Gain
0
0000
0 dB Gain
1
xxxxx
∞ dB Gain
RS2 . . . RS0
Right Record Source
0
MIC
1
CD_L
4
LINE_IN_R
5
Stereo Mix (R)
6
Mono Mix
LS2 . . . LS0
Left Record Source
0
MIC
1
CD_L
4
LINE_IN_L
5
Stereo Mix (L)
6
Mono Mix


Podobny numer części - AD1887_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1887JST AD-AD1887JST Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
More results

Podobny opis - AD1887_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com