Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1970 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1970
Szczegółowy opis  Digital BTSC Encoder with Integrated ADC and DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1970 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1970_15 Datasheet HTML 2Page - Analog Devices AD1970_15 Datasheet HTML 3Page - Analog Devices AD1970_15 Datasheet HTML 4Page - Analog Devices AD1970_15 Datasheet HTML 5Page - Analog Devices AD1970_15 Datasheet HTML 6Page - Analog Devices AD1970_15 Datasheet HTML 7Page - Analog Devices AD1970_15 Datasheet HTML 8Page - Analog Devices AD1970_15 Datasheet HTML 9Page - Analog Devices AD1970_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1970
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 11.
Min
Max
Unit
DVDD to DGND
–0.3
+3.95
V
ODVDD to DGND
–0.3
+3.95
V
AVDD to AGND
–0.3
+3.95
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Inputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
(AVDD + 0.3)/2
V
Maximum Junction
Temperature
+125
°C
Storage Temperature
Range
–65
+150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE CHARACTERISTICS (48-LEAD LQFP)
Table 12.
Min
Typ
Max
Unit
θJA (Thermal Resistance
[Junction-to-Ambient])
72
°C/W
θJC (Thermal Resistance
[Junction-to-Case])
19.5
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD1970_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1970JSTZ AD-AD1970JSTZ Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1970JSTZRL AD-AD1970JSTZRL Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results

Podobny opis - AD1970_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1970 AD-AD1970 Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com