Zakładka z wyszukiwarką danych komponentów |
|
7429FCT53CTPY Arkusz danych(PDF) 2 Page - Integrated Device Technology |
|
7429FCT53CTPY Arkusz danych(HTML) 2 Page - Integrated Device Technology |
2 / 8 page IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.1 2 PIN CONFIGURATIONS 5 6 7 8 9 10 11 12 GND 1 2 3 4 24 23 22 21 20 19 18 17 Vcc 16 15 14 13 P24-1 D24-1 SO24-2 SO24-7* SO24-8* & E24-1 A 6 A 5 A 4 A 3 A 2 CEB CEA CPB CPA OEA A 1 A 0 A 7 B 6 B 5 B 4 B 3 B 2 B 1 B B 7 0 OEB 2629 drw 02 5 6 7 8 9 10 11 L28-1 25 24 23 22 21 20 19 12 13 14 15 16 17 18 43 2 1 28 27 26 INDEX 2629 drw 03 B 3 B 2 B 1 B 0 A 5 A 4 A 3 A 2 A 1 A 0 OEB NC NC B 4 DIP/SOIC/SSOP/QSOP/CERPACK TOP VIEW LCC TOP VIEW * For 29FCT52/29FCT2052AT/BT/CT only PIN DESCRIPTION Name I/O Description A0-7 I/O Eight bidirectional lines carrying the A Register inputs or B Register outputs. B0-7 I/O Eight bidirectional lines carrying the B Register inputs or A Register outputs. CPA I Clock for the A Register. When CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition of the CPA signal. CEA I Clock Enable for the A Register. When CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition of the CPA signal. When CEA is HIGH, the A Register holds its contents, regardless of CPA signal transitions. OEB I Output Enable for the A Register. When OEB is LOW, the A Register outputs are enabled onto the B0-7 lines. When OEB is HIGH, the B0-7 outputs are in the high-impedance state. CPB I Clock for the B Register. When CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition of the CPB signal. CEB I Clock Enable for the B Register. When CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition of the CPB signal. When CEB is HIGH, the B Register holds its contents, regardless of CPB signal transitions. OEA I Output Enable for the B Register. When OEA is LOW, the B Register outputs are enabled onto the A0-7 lines. When OEA is HIGH, the A0-7 outputs are in the high-impedance state. 2629 tbl 01 |
Podobny numer części - 7429FCT53CTPY |
|
Podobny opis - 7429FCT53CTPY |