Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1988B Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1988B
Szczegółowy opis  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1988B Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1988B_15 Datasheet HTML 2Page - Analog Devices AD1988B_15 Datasheet HTML 3Page - Analog Devices AD1988B_15 Datasheet HTML 4Page - Analog Devices AD1988B_15 Datasheet HTML 5Page - Analog Devices AD1988B_15 Datasheet HTML 6Page - Analog Devices AD1988B_15 Datasheet HTML 7Page - Analog Devices AD1988B_15 Datasheet HTML 8Page - Analog Devices AD1988B_15 Datasheet HTML 9Page - Analog Devices AD1988B_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 6 of 20
Typ
Parameter
Conditions/Comments
Min
AD1988A/
AD1988B Max
Unit
POWER SUPPLY
Analog (AVDD)
3.3 V ± 5%
Power Supply Range
3.13
3.30
3.46
V
Power Dissipation
155/172
mW
Supply Current
47/52
mA
Digital (DVDD)
3.3 V ± 10%
Power Supply Range
2.97
3.30
3.63
V
Power Dissipation
247.5/238
mW
Supply Current
75/75
mA
Digital I/O (DVIO)
3.3 V ± 10%
Power Supply Range
2.97
3.30
3.63
V
Power Dissipation
3.96
mW
Supply Current
1.20
mA
Power Supply Rejection1 (AVDD)
100 mV p-p signal @ 1 kHz
80
dB V
1 Guaranteed, not tested.
2 SNR measurement defined as “the difference in level between a reference output signal and the device output with no signal applied.” This definition is taken from B.
Metzler, Audio Measurement Handbook, 1st edition, Audio Precision, Inc., 1993, p. 165.
3 RMS values assume sine wave input.
Table 2. Power-Down States
AD1988A/AD1988B
Parameter
Comments
D-State
DIDD Typ
AIDD Typ
Unit
POWER-DOWN STATES
FUNCTION Node
D3
21/20
1.2/1.7
mA
DAC Pair
Powered down saves (each)
D3
6/6
5/5.6
mA
ADC Pair
Powered down saves (each)
D3
5.3/5.4
3.2/3.1
mA
Mixer Power Control (and Associated Amps)
Saves
D3
0/0
2.0/2.4
mA
MIC_BIAS
Powered down saves
D3
0/0
0.5/0.5
mA
RESET
Low (active) state
2.9/2.7
3.1/3.4
mA


Podobny numer części - AD1988B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1988BJCPZ AD-AD1988BJCPZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJCPZ-RL AD-AD1988BJCPZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJSTZ AD-AD1988BJSTZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJSTZ-RL AD-AD1988BJSTZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
More results

Podobny opis - AD1988B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com