Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1990 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD1990
Szczegółowy opis  Audio Switching Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1990 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD1990_15 Datasheet HTML 5Page - Analog Devices AD1990_15 Datasheet HTML 6Page - Analog Devices AD1990_15 Datasheet HTML 7Page - Analog Devices AD1990_15 Datasheet HTML 8Page - Analog Devices AD1990_15 Datasheet HTML 9Page - Analog Devices AD1990_15 Datasheet HTML 10Page - Analog Devices AD1990_15 Datasheet HTML 11Page - Analog Devices AD1990_15 Datasheet HTML 12Page - Analog Devices AD1990_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1990
Rev. 0 | Page 9 of 16
20
–140
FREQUENCY (Hz)
0
–20
–40
–60
–80
–100
–120
100
1k
10k
Figure 10. IMD for 19 kHz/20 kHz Twin-Tone Stimulus with
500 mW Power in Each Tone
40
0
FREQUENCY (Hz)
100
1k
10k
35
30
25
20
15
10
5
PGA GAIN = 18dB
PGA GAIN = 12dB
PGA GAIN = 6dB
PGA GAIN = 0dB
Figure 11. Amplifier Gain vs. Frequency, 6 Ω Load, PVDD = 12 V
0
–120
FREQUENCY (Hz)
100
1k
10k
–20
–40
–60
–80
–100
L CHANNEL DRIVEN,
R CHANNEL IDLE
L CHANNEL IDLE,
R CHANNEL DRIVEN
Figure 12. Channel Separation vs. Frequency, Driven Channel Has
1 W Output Power into 6 Ω Load
1
0.0001
FREQUENCY (Hz)
100
1k
10k
0.1
0.01
0.001
–120
–60
–40
–50
–80
–90
–70
–100
–110
Figure 13. THD vs. Frequency, 1 W Output Power into 4 Ω Load, PVDD = 12 V
1
0.0001
FREQUENCY (Hz)
100
1k
10k
0.1
0.01
0.001
–120
–60
–40
–50
–80
–90
–70
–100
–110
Figure 14. THD vs. Frequency, 1 W Output Power into 6 Ω Load, PVDD = 12 V
1
0.0001
FREQUENCY (Hz)
100
1k
10k
0.1
0.01
0.001
–120
–60
–40
–50
–80
–90
–70
–100
–110
Figure 15. THD vs. Frequency, 1 W Output Power into 8 Ω Load, PVDD = 12 V


Podobny numer części - AD1990_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1990ACPZ AD-AD1990ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1990ACPZ AD-AD1990ACPZ Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL AD-AD1990ACPZRL Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL7 AD-AD1990ACPZRL7 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results

Podobny opis - AD1990_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com