Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1991 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD1991
Szczegółowy opis  Class D/1-Bit Audio Power Output Stage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1991 Arkusz danych(HTML) 4 Page - Analog Devices

  AD1991_15 Datasheet HTML 1Page - Analog Devices AD1991_15 Datasheet HTML 2Page - Analog Devices AD1991_15 Datasheet HTML 3Page - Analog Devices AD1991_15 Datasheet HTML 4Page - Analog Devices AD1991_15 Datasheet HTML 5Page - Analog Devices AD1991_15 Datasheet HTML 6Page - Analog Devices AD1991_15 Datasheet HTML 7Page - Analog Devices AD1991_15 Datasheet HTML 8Page - Analog Devices AD1991_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
AD1991
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
AVDD, DVDD to AGND, DGND . . . . . . . . . . –0.3 V to +6.5 V
PVDDX to PGNDx
2
. . . . . . . . . . . . . . . . . . . –0.3 V to +30.0 V
AGND to DGND to PGNDx . . . . . . . . . . . . –0.3 V to +0.3 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +0.5 V
Operating Temperature Range (Ambient)
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
θ
JC Thermal Resistance
3
. . . . . . . . . . . . . . . . . . . . . . . 1
°C/W
Lead Temperature
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD1991 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Including any induced voltage due to inductive load.
3With respect to the temperature of the exposed pad.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1991ASV
–40
°C to +85°CThin Quad Flat Pack [TQFP]
SV-52
AD1991ASVRL
–40
°C to +85°CThin Quad Flat Pack [TQFP]
SV-52
EVAL-AD1991EB
Evaluation Board


Podobny numer części - AD1991_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1991ASV AD-AD1991ASV Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991ASVRL AD-AD1991ASVRL Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
More results

Podobny opis - AD1991_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
   2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
List of Unclassifed Man...
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com