Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1994 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1994
Szczegółowy opis  Audio Switching Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1994 Arkusz danych(HTML) 5 Page - Analog Devices

  AD1994_15 Datasheet HTML 1Page - Analog Devices AD1994_15 Datasheet HTML 2Page - Analog Devices AD1994_15 Datasheet HTML 3Page - Analog Devices AD1994_15 Datasheet HTML 4Page - Analog Devices AD1994_15 Datasheet HTML 5Page - Analog Devices AD1994_15 Datasheet HTML 6Page - Analog Devices AD1994_15 Datasheet HTML 7Page - Analog Devices AD1994_15 Datasheet HTML 8Page - Analog Devices AD1994_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD1994
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AVDD, DVDD to AGND, DGND
−0.3 V to +6.5 V
PVDDx to PGNDx
−0.3 V to +30.0 V
1
AGND to DGND to PGNDx
−0.3 V to +0.3 V
AVDD, to DVDD
−0.5 V to +0.5 V
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Maximum Junction Temperature
150°C
Thermal Resistance
θ
19.2°C/W
JA
θJC (at the Exposed Pad Surface)
0.9°C/W
θ (on JEDEC Standard PCB)
9.7°C/W
JB
1 Including any induced voltage due to inductive load.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD1994_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1994ACPZ AD-AD1994ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1994ACPZ AD-AD1994ACPZ Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994ACPZRL AD-AD1994ACPZRL Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994ACPZRL7 AD-AD1994ACPZRL7 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
More results

Podobny opis - AD1994_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com