Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5060 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD5060
Szczegółowy opis  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5060 Arkusz danych(HTML) 2 Page - Analog Devices

  AD5060_15 Datasheet HTML 1Page - Analog Devices AD5060_15 Datasheet HTML 2Page - Analog Devices AD5060_15 Datasheet HTML 3Page - Analog Devices AD5060_15 Datasheet HTML 4Page - Analog Devices AD5060_15 Datasheet HTML 5Page - Analog Devices AD5060_15 Datasheet HTML 6Page - Analog Devices AD5060_15 Datasheet HTML 7Page - Analog Devices AD5060_15 Datasheet HTML 8Page - Analog Devices AD5060_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5040/AD5060
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Characteristics..................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 14
 
Theory of Operation ...................................................................... 15
 
DAC Architecture....................................................................... 15
 
Reference Buffer ......................................................................... 15
 
Serial Interface ............................................................................ 15
 
Power-On reset ........................................................................... 16
 
Software Reset............................................................................. 16
 
Power-Down Modes .................................................................. 17
 
Microprocessor Interfacing....................................................... 17
 
Applications..................................................................................... 19
 
Choosing a Reference for the AD5040/ AD5060................... 19
 
Bipolar Operation Using the AD5040/ AD5060.................... 19
 
Using the AD5040/AD5060 with a Galvanically Isolated
Interface Chip ............................................................................. 20
 
Power Supply Bypassing and Grounding................................ 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
1/10—Rev. 0 to Rev. A
Changes to Table 2, Relative Accuracy (INL) and Endnote 1 .... 3
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 21
10/05—Revision 0: Initial Version


Podobny numer części - AD5060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD50601 AD-AD50601 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1REEL7 AD-AD5060ARJZ-1REEL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-2500RL7 AD-AD5060ARJZ-2500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results

Podobny opis - AD5060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com