Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5231BRU100 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5231BRU100
Szczegółowy opis  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU100 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5231BRU100 Datasheet HTML 1Page - Analog Devices AD5231BRU100 Datasheet HTML 2Page - Analog Devices AD5231BRU100 Datasheet HTML 3Page - Analog Devices AD5231BRU100 Datasheet HTML 4Page - Analog Devices AD5231BRU100 Datasheet HTML 5Page - Analog Devices AD5231BRU100 Datasheet HTML 6Page - Analog Devices AD5231BRU100 Datasheet HTML 7Page - Analog Devices AD5231BRU100 Datasheet HTML 8Page - Analog Devices AD5231BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5231
Rev. D | Page 3 of 28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = 3 V ± 10% or 5 V ± 10%, VSS = 0 V, VA = VDD, VB = 0 V, −40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—
RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = NC, monotonic
−1
±1/2
+1.8
LSB
Resistor Integral Nonlinearity2
R-INL
RWB,VA = NC
−0.2
+0.2
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
D = 0x3FF
−40
+20
%
Resistance Temperature Coefficient
(ΔRWB/RWB)/ΔT × 106
600
ppm/°C
Wiper Resistance
RW
IW = 100 µA, VDD = 5.5 V,
code = half scale
15
100
IW = 100 µA, VDD = 3 V,
code = half scale
50
DC CHARACTERISTICS—
POTENTIOMETER DIVIDER MODE
Resolution
N
10
Bits
Differential Nonlinearity3
DNL
Monotonic, TA = 25°C
−1
±1/2
+1
LSB
Monotonic, TA = −40°C or +85°C
−1
+1.25
LSB
Integral Nonlinearity3
INL
−0.4
+0.4
LSB
Voltage Divider Temperature
Coefficient
(ΔVW/VW)/ΔT × 106
Code = half scale
15
ppm/°C
Full-Scale Error
VWFSE
Code = full scale
−3
0
% FS
Zero-Scale Error
VWZSE
Code = zero scale
0
1.5
% FS
RESISTOR TERMINALS
Terminal Voltage Range4
VA, B,W
VSS
VDD
V
Capacitance A, B5
CA, B
f = 1 MHz, measured to GND,
code = half-scale
50
pF
Capacitance W5
CW
f = 1 MHz, measured to GND,
code = half-scale
50
pF
Common-Mode Leakage Current5, 6
ICM
VW = VDD/2
0.01
1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
With respect to GND, VDD = 5 V
2.4
V
Input Logic Low
VIL
With respect to GND, VDD = 5 V
0.8
V
Input Logic High
VIH
With respect to GND, VDD = 3 V
2.1
V
Input Logic Low
VIL
With respect to GND, VDD = 3 V
0.6
V
Input Logic High
VIH
With respect to GND, VDD = +2.5 V,
VSS = −2.5 V
2.0
V
Input Logic Low
VIL
With respect to GND, VDD = +2.5 V,
VSS = −2.5 V
0.5
V
Output Logic High (SDO, RDY)
VOH
RPULL-UP = 2.2 kΩ to 5 V
(see Figure 26)
4.9
V
Output Logic Low
VOL
IOL = 1.6 mA, VLOGIC = 5 V
(see Figure 26)
0.4
V
Input Current
IIL
VIN = 0 V or VDD
±2.5
µA
Input Capacitance5
CIL
4
pF
Output Current5
IO1, IO2
VDD = 5 V, VSS = 0 V, TA = 25°C
50
mA
VDD = 2.5 V, VSS = 0 V, TA = 25°C
7
mA


Podobny numer części - AD5231BRU100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100 AD-AD5231BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Podobny opis - AD5231BRU100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com