Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5305ARM-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5305ARM-REEL7
Szczegółowy opis  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5305ARM-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5305ARM-REEL7 Datasheet HTML 4Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD5305ARM-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
10
9
8
7
6
1
2
3
4
5
GND
SDA
SCL
REFIN
A0
AD5305/
AD5315/
AD5325
TOP VIEW
(Not to Scale)
VDD
VOUTA
VOUTB
VOUTC
VOUTD
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled to GND.
2
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
VOUTC
Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
REFIN
Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD.
6
VOUTD
Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7
GND
Ground Reference Point for All Circuitry on the Part.
8
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input shift
register. It is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up
resistor.
9
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input shift
register. Clock rates of up to 400 kb/s can be accommodated in the 2-wire interface.
10
A0
Address Input. Sets the least significant bit of the 7-bit slave address.


Podobny numer części - AD5305ARM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5305ARM-REEL7 AD-AD5305ARM-REEL7 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5305ARM-REEL7 AD-AD5305ARM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM-REEL7 AD-AD5305ARM-REEL7 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Podobny opis - AD5305ARM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com