Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5317 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5317
Szczegółowy opis  2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5317 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5317_15 Datasheet HTML 7Page - Analog Devices AD5317_15 Datasheet HTML 8Page - Analog Devices AD5317_15 Datasheet HTML 9Page - Analog Devices AD5317_15 Datasheet HTML 10Page - Analog Devices AD5317_15 Datasheet HTML 11Page - Analog Devices AD5317_15 Datasheet HTML 12Page - Analog Devices AD5317_15 Datasheet HTML 13Page - Analog Devices AD5317_15 Datasheet HTML 14Page - Analog Devices AD5317_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5307/AD5317/AD5327
Rev. C | Page 11 of 28
0
100
200
300
400
500
VDD (V)
600
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+25°C
–40°C
+105°C
Figure 18. Supply Current vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
VDD (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+105°C
+25°C
–40°C
Figure 19. Power-Down Current vs. Supply Voltage
300
400
500
600
700
800
VLOGIC (V)
01
2
34
5
INCREASING
TA = 25°C
DECREASING
VDD = 5V
INCREASING
DECREASING
VDD = 3V
Figure 20. Supply Current vs. Logic Input Voltage for SCLK and DIN Increasing
and Decreasing
CH2
CH1
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
TA = 25°C
VDD = 5V
VREF = 5V
VOUTA
SCLK
Figure 21. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
CH1 2.00V, CH2 200mV, TIME BASE = 200µs/DIV
TA = 25°C
VDD = 5V
VREF = 2V
VOUTA
VDD
CH1
CH2
Figure 22. Power-On Reset to 0 V
TA = 25°C
VDD = 5V
VREF = 2V
CH1 500MV, CH2 5.00V, TIME BASE = 1µs/DIV
CH1
CH2
VOUTA
PD
Figure 23. Exiting Power-Down to Midscale


Podobny numer części - AD5317_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5317ARU AD-AD5317ARU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5317ARU-REEL7 AD-AD5317ARU-REEL7 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5317ARUZ AD-AD5317ARUZ Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5317BRU-REEL AD-AD5317BRU-REEL Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
More results

Podobny opis - AD5317_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com