Zakładka z wyszukiwarką danych komponentów |
|
AD5326 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD5326 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 24 page AD5306/AD5316/AD5326 Rev. F | Page 5 of 24 AC CHARACTERISTICS VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 2. A, B Versions1, 2 Parameter3 Min Typ Max Unit Conditions/Comments Output Voltage Settling Time VREF = VDD = 5 V AD5306 6 8 μs 1/4 scale to 3/4 scale change (0x40 to 0xC0) AD5316 7 9 μs 1/4 scale to 3/4 scale change (0x100 to 0x300) AD5326 8 10 μs 1/4 scale to 3/4 scale change (0x400 to 0xC00) Slew Rate 0.7 V/μs Major-Code Change Glitch Energy 12 nV-s 1 LSB change around major carry Digital Feedthrough 0.5 nV-s Digital Crosstalk 0.5 nV-s Analog Crosstalk 1 nV-s DAC-to-DAC Crosstalk 3 nV-s Multiplying Bandwidth 200 kHz VREF = 2 V ± 0.1 V p-p, unbuffered mode Total Harmonic Distortion −70 dB VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz 1 Guaranteed by design and characterization; not production tested. 2 Temperature range (A, B versions): −40°C to +105°C; typical at +25°C. 3 See the Terminology section. |
Podobny numer części - AD5326_15 |
|
Podobny opis - AD5326_15 |