Zakładka z wyszukiwarką danych komponentów |
|
AD5344 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD5344 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 20 page REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD5334/AD5335/AD5336/AD5344* One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2000 2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs AD5334 FUNCTIONAL BLOCK DIAGRAM (Other Diagrams Inside) VOUTA BUFFER GND AD5334 VOUTB BUFFER VOUTC BUFFER VOUTD BUFFER POWER-ON RESET TO ALL DACS AND BUFFERS POWER-DOWN LOGIC PD DAC REGISTER 8-BIT DAC 8-BIT DAC INPUT REGISTER VREFC/D INTER- FACE LOGIC VDD VREFA/B GAIN DB7 DB0 CS WR A0 A1 CLR LDAC . . . DAC REGISTER INPUT REGISTER DAC REGISTER INPUT REGISTER DAC REGISTER INPUT REGISTER 8-BIT DAC 8-BIT DAC 8-BIT DAC FEATURES AD5334: Quad 8-Bit DAC in 24-Lead TSSOP AD5335: Quad 10-Bit DAC in 24-Lead TSSOP AD5336: Quad 10-Bit DAC in 28-Lead TSSOP AD5344: Quad 12-Bit DAC in 28-Lead TSSOP Low Power Operation: 500 A @ 3 V, 600 A @ 5 V Power-Down to 80 nA @ 3 V, 200 nA @ 5 V via PD Pin 2.5 V to 5.5 V Power Supply Double-Buffered Input Logic Guaranteed Monotonic by Design Over All Codes Output Range: 0–VREF or 0–2 VREF Power-On Reset to Zero Volts Simultaneous Update of DAC Outputs via LDAC Pin Asynchronous CLR Facility Low Power Parallel Data Interface On-Chip Rail-to-Rail Output Buffer Amplifiers Temperature Range: –40 C to +105 C APPLICATIONS Portable Battery-Powered Instruments Digital Gain and Offset Adjustment Programmable Voltage and Current Sources Programmable Attenuators Industrial Process Control GENERAL DESCRIPTION The AD5334/AD5335/AD5336/AD5344 are quad 8-, 10-, and 12-bit DACs. They operate from a 2.5 V to 5.5 V supply con- suming just 500 µA at 3 V, and feature a power-down mode that further reduces the current to 80 nA. These devices incorporate an on-chip output buffer that can drive the output to both sup- ply rails. The AD5334/AD5335/AD5336/AD5344 have a parallel interface. CS selects the device and data is loaded into the input registers on the rising edge of WR. The GAIN pin on the AD5334 and AD5336 allows the output range to be set at 0 V to VREF or 0 V to 2 × V REF. Input data to the DACs is double-buffered, allowing simultaneous update of multiple DACs in a system using the LDAC pin. On the AD5334, AD5335 and AD5336 an asynchronous CLR input is also provided. This resets the contents of the Input Register and the DAC Register to all zeros. These devices also incorporate a power-on-reset circuit that ensures that the DAC output powers on to 0 V and remains there until valid data is written to the device. The AD5334/AD5335/AD5336/AD5344 are available in Thin Shrink Small Outline Packages (TSSOP). *Protected by U.S. Patent Number 5,969,657 . |
Podobny numer części - AD5344_15 |